Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I538 Datasheet (PDF) - ILSI America LLC

I538 Datasheet PDF - ILSI America LLC
Part # I538
Download  I538 Download
File Size   47.23 Kbytes
Page   2 Pages
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC
Description 2.5 mm x 3.2 mm Ceramic Package SMD TCXO

I538 Datasheet (PDF)

Go To PDF Page Download Datasheet
I538 Datasheet PDF - ILSI America LLC

Part # I538
Download  I538 Click to download

File Size   47.23 Kbytes
Page   2 Pages
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC
Description 2.5 mm x 3.2 mm Ceramic Package SMD TCXO

I538 Datasheet (HTML) - ILSI America LLC




Similar Part No. - I538

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
I538ERW MPD-I538ERW Datasheet
178Kb / 2P
Ultra-Miniature 5W Single & Dual Output DC/DC Converters
More results


Similar Description - I538

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I533 ILSI-I533 Datasheet
46Kb / 2P
3.2 mm x 5 mm Ceramic Package SMD TCXO
I547 ILSI-I547 Datasheet
47Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD TCXO
I583 ILSI-I583 Datasheet
53Kb / 2P
2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I587 ILSI-I587 Datasheet
87Kb / 2P
2.0 mm x 2.5 mm Ceramic Package SMD TCXO
ILCX13 ILSI-ILCX13 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 2.5 mm x 3.2 mm
ISM34 ILSI-ISM34 Datasheet
48Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, HC-MOS
ISM67 ILSI-ISM67 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD Oscillator, LVMOS / LVPECL / LVDS
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
logo
Xtaltq Technologies Co....
BS3225A XTALTQ-BS3225A Datasheet
327Kb / 2P
Typical 3.2 x 2.5 x 0.95 mm ceramic SMD package.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com