Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTA Datasheet (PDF) - ILSI America LLC

ZTA Datasheet PDF - ILSI America LLC
Part # ZTA
Download  ZTA Download
File Size   46.49 Kbytes
Page   2 Pages
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC
Description 2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm

ZTA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZTA Datasheet PDF - ILSI America LLC

Part # ZTA
Download  ZTA Click to download

File Size   46.49 Kbytes
Page   2 Pages
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC
Description 2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm

ZTA Datasheet (HTML) - ILSI America LLC




Similar Part No. - ZTA

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTA AURIS-ZTA Datasheet
147Kb / 1P
Resonator THT, 2 Pin
logo
ECM Electronics Limited...
ZTA ECM-ZTA Datasheet
99Kb / 1P
Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTA ETC2-ZTA Datasheet
162Kb / 1P
CERAMIC RESONATOR
ZTA ETC2-ZTA Datasheet
61Kb / 1P
2.000MHz to 25.000MHz
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
CERAMIC RESONATORS
More results


Similar Description - ZTA

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
HC49USM-BB0F18-20.000 ILSI-HC49USM-BB0F18-20.000 Datasheet
54Kb / 2P
2 Pad Metal Package, 4.7 mm x 13.3 mm
IL3X ILSI-IL3X Datasheet
45Kb / 2P
2 Pad Ceramic Package, 1.5 mm x 3.2 mm
ILCX05 ILSI-ILCX05 Datasheet
53Kb / 2P
4 Pad Ceramic Package, 5.5 mm x 11.9 mm
ILCX18 ILSI-ILCX18 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 2 mm x 2.5 mm
ILCX19 ILSI-ILCX19 Datasheet
46Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 1.6 mm x 2 mm
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTTS ILSI-ZTTS Datasheet
54Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
ZTTS-MG ILSI-ZTTS-MG Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
ZTTCV-MX ILSI-ZTTCV-MX Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com