Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2S Datasheet (PDF) - Diotec Semiconductor

MB2S Datasheet PDF - Diotec Semiconductor
Part # MB2S
Download  MB2S Download
File Size   139.42 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description ?쏶lim??Profile Surface Mount Si-Bridge-Rectifiers

MB2S Datasheet (PDF)

Go To PDF Page Download Datasheet
MB2S Datasheet PDF - Diotec Semiconductor

Part # MB2S
Download  MB2S Click to download

File Size   139.42 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description ?쏶lim??Profile Surface Mount Si-Bridge-Rectifiers

MB2S Datasheet (HTML) - Diotec Semiconductor


MB2S Product details

• Nominal current                     0.5 A

• Alternating input voltage           140...700 V

• Plastic case slim profile           1.6mm

• Weight approx. – Gewicht ca.        0.22 g

• Plastic material has UL classification 94V-0

• Standard packaging taped and reeled



 



 




Similar Part No. - MB2S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB2S FAIRCHILD-MB2S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB2S GE-MB2S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2S MCC-MB2S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MB2S BILIN-MB2S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results


Similar Description - MB2S

ManufacturerPart #DatasheetDescription
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
B40S DIOTEC-B40S_10 Datasheet
106Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
B40S15A DIOTEC-B40S15A Datasheet
102Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_11 Datasheet
126Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
124Kb / 2P
?쏶lim??Profile Fast switching Surface Mount Si-Bridge-Rectifiers
CS10S DIOTEC-CS10S_13 Datasheet
135Kb / 2P
?쏶lim??Profile Surface Mount Schottky-Bridge-Rectifiers
B40S DIOTEC-B40S_14 Datasheet
127Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
B40S-SLIM DIOTEC-B40S-SLIM Datasheet
127Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
MB2S DIOTEC-MB2S_13 Datasheet
132Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_13 Datasheet
131Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com