Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F051R6 Datasheet (PDF) - STMicroelectronics

STM32F051R6 Datasheet PDF - STMicroelectronics
Part # STM32F051R6
Download  STM32F051R6 Download
File Size   1170.54 Kbytes
Page   104 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces

STM32F051R6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F051R6 Datasheet PDF - STMicroelectronics

Part # STM32F051R6
Download  STM32F051R6 Click to download

File Size   1170.54 Kbytes
Page   104 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces

STM32F051R6 Datasheet (HTML) - STMicroelectronics


STM32F051R6 Product details

Description
The STM32F051xx microcontrollers incorporate the high-performance ARM® Cortex®-M0 32-bit RISC core operating at up to 48 MHz frequency, high-speed embedded memories (up to 64 Kbytes of Flash memory and 8 Kbytes of SRAM), and an extensive range of enhanced peripherals and I/Os. All devices offer standard communication interfaces (up to two I2Cs, up to two SPIs, one I2S, one HDMI CEC and up to two USARTs), one 12-bit ADC, one 12-bit DAC, six 16-bit timers, one 32-bit timer and an advanced-control PWM timer.

Features
• Core: ARM® 32-bit Cortex®-M0 CPU, frequency up to 48 MHz
• Memories
    – 16 to 64 Kbytes of Flash memory
    – 8 Kbytes of SRAM with HW parity checking
• CRC calculation unit
• Reset and power management
    – Digital and I/O supply: VDD = 2.0 V to 3.6 V
    – Analog supply: VDDA = from VDD to 3.6 V
    – Power-on/Power down reset (POR/PDR)
    – Programmable voltage detector (PVD)
    – Low power modes: Sleep, Stop, Standby
    – VBAT supply for RTC and backup registers
• Clock management
    – 4 to 32 MHz crystal oscillator
    – 32 kHz oscillator for RTC with calibration
    – Internal 8 MHz RC with x6 PLL option
    – Internal 40 kHz RC oscillator
• Up to 55 fast I/Os
    – All mappable on external interrupt vectors
    – Up to 36 I/Os with 5 V tolerant capability
• 5-channel DMA controller
• One 12-bit, 1.0 µs ADC (up to 16 channels)
    – Conversion range: 0 to 3.6 V
    – Separate analog supply from 2.4 up to 3.6
• One 12-bit DAC channel
• Two fast low-power analog comparators with programmable input and output
• Up to 18 capacitive sensing channels supporting touchkey, linear and rotary touch sensors
(Continue ...)




Similar Part No. - STM32F051R6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F051R6 STMICROELECTRONICS-STM32F051R6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU
23-Jul-2012
STM32F051R6 STMICROELECTRONICS-STM32F051R6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F051R6 STMICROELECTRONICS-STM32F051R6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F051R6T6 STMICROELECTRONICS-STM32F051R6T6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
More results


Similar Description - STM32F051R6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F051K6U6 STMICROELECTRONICS-STM32F051K6U6 Datasheet
440Kb / 40P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
14-Feb-2012
STM32F050C4T6A STMICROELECTRONICS-STM32F050C4T6A Datasheet
1Mb / 97P
Low- and medium-density advanced ARM??based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F051K8U6 STMICROELECTRONICS-STM32F051K8U6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F051C6T6 STMICROELECTRONICS-STM32F051C6T6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F050C6T6A STMICROELECTRONICS-STM32F050C6T6A Datasheet
1Mb / 97P
Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F051K4U6 STMICROELECTRONICS-STM32F051K4U6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F100RCT6 STMICROELECTRONICS-STM32F100RCT6 Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
STM32F050K6U6 STMICROELECTRONICS-STM32F050K6U6 Datasheet
1Mb / 97P
Low- and medium-density advanced ARM™-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F051R6T6 STMICROELECTRONICS-STM32F051R6T6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F058C8 STMICROELECTRONICS-STM32F058C8 Datasheet
1Mb / 104P
Advanced ARM-based 32-bit MCU, 64 KB Flash, 11 timers, ADC, DAC & comm. interfaces, 1.8 V
16-Dec-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com