Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW77N65M5 Datasheet (PDF) - STMicroelectronics

STW77N65M5 Datasheet PDF - STMicroelectronics
Part # STW77N65M5
Download  STW77N65M5 Download
File Size   963.99 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247

STW77N65M5 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW77N65M5 Datasheet PDF - STMicroelectronics

Part # STW77N65M5
Download  STW77N65M5 Click to download

File Size   963.99 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247

STW77N65M5 Datasheet (HTML) - STMicroelectronics


STW77N65M5 Product details

Description
This device is a N-channel MDmesh™ V Power MOSFET based on an innovative proprietary vertical process technology, which is combined with STMicroelectronics’ well-known PowerMESH™ horizontal layout structure. The resulting product has extremely low on resistance, which is unmatched among silicon based Power MOSFETs, making it especially suitable for applications which require superior power density and outstanding efficiency.

Features
■ Higher VDSS rating
■ Higher dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested

Application
   Switching applications




Similar Part No. - STW77N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW77N65M5 ISC-STW77N65M5 Datasheet
326Kb / 2P
Isc N-Channel MOSFET Transistor
More results


Similar Description - STW77N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW54NM65N STMICROELECTRONICS-STW54NM65N Datasheet
499Kb / 12P
N-channel 650 V, 0.054 OHM, 50 A MDmesh II Power MOSFET
20-Jan-2009
STW88N65M5 STMICROELECTRONICS-STW88N65M5 Datasheet
1Mb / 15P
N-channel 650 V, 0.024 廓 typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
30-Nov-2012
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.150 Ω, 17 A MDmesh™V Power MOSFET D²PAK, TO-220FP, TO-220, I²PAK, TO-247
11-May-2011
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
22-Sep-2011
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
05-May-2011
STW62N65M5 STMICROELECTRONICS-STW62N65M5 Datasheet
885Kb / 14P
Automotive-grade N-channel 650 V, 0.041 typ., 46 A MDmesh V Power MOSFET in a TO-247 package
19-Jun-2013
CD00222640 STMICROELECTRONICS-CD00222640 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
12-Jun-2009
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
05-Mar-2013
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
09-Nov-2012
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
05-Mar-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com