Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

295 Datasheet (PDF) - Bud Industries, Inc.

295 Datasheet PDF - Bud Industries, Inc.
Part # 295
Download  295 Download
File Size   28.06 Kbytes
Page   1 Pages
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.
Description #10-32 x 5/8 LG, TRUSS HD, SCREW #10-32 NUT RETAINER

295 Datasheet (PDF)

Go To PDF Page Download Datasheet
295 Datasheet PDF - Bud Industries, Inc.

Part # 295
Download  295 Click to download

File Size   28.06 Kbytes
Page   1 Pages
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.
Description #10-32 x 5/8 LG, TRUSS HD, SCREW #10-32 NUT RETAINER

295 Datasheet (HTML) - Bud Industries, Inc.




Similar Part No. - 295

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
295 CTS-295 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
logo
Alpha Wire
295 ALPHAWIRE-295 Datasheet
97Kb / 3P
Customer Specification
2/20/2023
logo
Abbatron All Rights Res...
295 ABBATRON-295 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
295 KEYSTONE-295 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Festo Corporation.
2950 FESTO-2950 Datasheet
86Kb / 1P
Toggle lever valve
4/8/22
More results


Similar Description - 295

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6440 POMONA-6440 Datasheet
19Kb / 1P
Nut, Hex 8-32
73084 POMONA-73084 Datasheet
131Kb / 2P
Terminal Jacks, Male Threads 6-32, 8-32, 10-32, Female Threads 10-32
logo
Pasternack Enterprises,...
PE9756 PASTERNACK-PE9756 Datasheet
253Kb / 2P
10-32 Female to 10-32 Female Adapter
logo
3M Electronics
73084-0 3M-73084-0 Datasheet
126Kb / 2P
Terminal Jacks, Male Threads 6-32, 8-32, 10-32, Female Threads 10-32
logo
List of Unclassifed Man...
9260 ETC2-9260 Datasheet
22Kb / 1P
12-24 x 1/2 LG, TRUSS HD. SCREW
logo
Schneider Electric
LDB105 SCHNEIDER-LDB105 Datasheet
74Kb / 2P
WIREWAY 10 x 10 - N1 Paint - 5 ft lg
LDB810 SCHNEIDER-LDB810 Datasheet
67Kb / 2P
WIREWAY 8 x 8 - N1 Paint - 10 ft lg
LDRB810M SCHNEIDER-LDRB810M Datasheet
57Kb / 2P
WIREWAY 8 x 8 RAINTIGHT - 10 FT LG
LJB810 SCHNEIDER-LJB810 Datasheet
58Kb / 2P
WIREWAY 8 x 8 - N12 - 10 ft lg
logo
Keystone Electronics Co...
9910 KEYSTONE-9910 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
More results




About Bud Industries, Inc.


Bud Industries, Inc. is a manufacturer and supplier of electronic enclosures, cabinets, and accessories for a wide range of industries, including telecommunications, data storage, industrial automation, and military/aerospace. The company was founded in 1928 and is headquartered in Willoughby, Ohio, USA.

Bud Industries' product line includes a variety of enclosure types, such as metal and plastic boxes, rack-mount cabinets, and outdoor enclosures. These enclosures can be customized to meet specific requirements, such as size, shape, and material. The company also offers a range of accessories, such as mounting brackets, cable management systems, and ventilation fans.

In addition to its manufacturing capabilities, Bud Industries provides design and engineering services to help customers develop custom solutions for their unique needs. The company is known for its high-quality products, quick turnaround times, and exceptional customer service, and has received numerous awards for its innovative designs and commitment to excellence.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com