Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1910A Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS1910A Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS1910A
Download  TS1910A Download
File Size   188.43 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 680kHz/1.2MHz High Voltage Boost Converter

TS1910A Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1910A Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS1910A
Download  TS1910A Click to download

File Size   188.43 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 680kHz/1.2MHz High Voltage Boost Converter

TS1910A Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS1910A Product details

General Description
The TS1910A is a high performance, high efficiency step up DC-DC Converter with integrated 2A. The TS1910A converter input voltage ranging from 2.6 to 5.5V. The Output voltage can be set up to 27V. The selectable frequency of 680kHz and 1.2MHz allows the use of small external inductors and capacitors and provides fast transient response. Current mode control with external compensation network makes it easy to stabilize the system and keep maximum flexibility. Programmable soft start function minimizes impact on the input power system. Internal power MOSFET with very low RDS(ON) provides high efficiency. The TS1910A automatically transits from PWM to PFM during light load condition further increasing efficiency. The converter also provides protection functions such as Current Limit and Thermal shutdown.

Features
● 2.6V to 5.5V operating input voltage range
● Adjustable output voltage range up to 27V
● Up to 3A output switch current
● 680K/1.2MHz Selectable Switching Frequency
● Programmable soft-start function
● External Compensation Network
● Current limit and Thermal shutdown protection
● Under voltage Lockout
● ≤1µA Shutdown Current

Application
● Digital Still Cameras
● Portable Electronics
● PDA’s and Palm-Top Computers
● Local Boost Regulator




Similar Part No. - TS1910A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1910 TSC-TS1910 Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
TS1910CSRLG TSC-TS1910CSRLG Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
More results


Similar Description - TS1910A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
1A, 1.2MHz Synchronous Boost Converter
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
APE1920 A-POWER-APE1920 Datasheet
1Mb / 16P
680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Taiwan Semiconductor Co...
TS1910 TSC-TS1910 Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
1.2MHz,30V/1A High Performance, Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
1.1A 1.2MHz Synchronous Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
1.2MHz Synchronous Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
1.2MHz, High Voltage, Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com