Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4186 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4186 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4186
Download  PE4186 Download
File Size   228.02 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing

PE4186 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4186 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4186
Download  PE4186 Click to download

File Size   228.02 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing

PE4186 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4186 Product details

Description
Pasternack’s PE4186 SMA female 4 hole flange mount connector with solder attachment tab terminal (.340 inch hole spacing) is part of our full line of RF components available for same-day shipping. Our SMA female connector operates up to a maximum frequency of 18 GHz. This SMA 4 hole flange connector allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.

Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Tab Interface Type
• Solder Attachment
• 4 Hole Flange

Features
• Max. Operating Frequency 18 GHz
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204

Applications
• General Purpose Test
• Rack and Panel Mount Applications




Similar Part No. - PE4186

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4186 PASTERNACK-PE4186 Datasheet
799Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Tab Terminal, .340 inch Hole Spacing
PE4186 PASTERNACK-PE4186_17 Datasheet
799Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Tab Terminal, .340 inch Hole Spacing
More results


Similar Description - PE4186

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4126 PASTERNACK-PE4126 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Stub Terminal, .340 inch Hole Spacing
PE4546 PASTERNACK-PE4546 Datasheet
295Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .718 inch Hole Spacing
PE44224 PASTERNACK-PE44224 Datasheet
295Kb / 3P
2.4mm Male Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE44226 PASTERNACK-PE44226 Datasheet
204Kb / 2P
2.4mm Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE4124 PASTERNACK-PE4124 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217 Datasheet
379Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE44200 PASTERNACK-PE44200 Datasheet
220Kb / 3P
RT SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4866 PASTERNACK-PE4866 Datasheet
218Kb / 3P
RP SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4186 PASTERNACK-PE4186_17 Datasheet
799Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Tab Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217_16 Datasheet
351Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com