Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4223 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4223 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4223
Download  PE4223 Download
File Size   316.17 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Female Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9,RG11, RG225, RG393, .640 inch DD Hole

PE4223 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4223 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4223
Download  PE4223 Click to download

File Size   316.17 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Female Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9,RG11, RG225, RG393, .640 inch DD Hole

PE4223 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4223 Product details

Description
Pasternack’s PE4223 type N female bulkhead connector with clamp/solder attachment for RG214, RG213, RG393, RG8, RG225, RG11, RG216, RG144, RG215 and RG9 (.640 inch DD hole) is part of our full line of RF components available for same-day shipping. Our type N female connector operates up to a maximum frequency of 11 GHz and offers good VSWR of 1.35:1. This type N bulkhead connector allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.

Configuration
• N Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Connector Interface Types: RG214, RG213, RG393, RG8, RG225, RG11, RG216, RG144, RG215, RG9
• Bulkhead

Features
• Max. Operating Frequency 11 GHz
• Good VSWR of 1.35:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating

Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies




Similar Part No. - PE4223

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
SPDT UltraCMOS??RF Switch DC - 2500 MHz
logo
Pasternack Enterprises,...
PE4220 PASTERNACK-PE4220 Datasheet
324Kb / 3P
SMA Female Radius Right Angle Connector Solder Attachment
logo
Peregrine Semiconductor...
PE4220-EK PEREGRINE-PE4220-EK Datasheet
247Kb / 7P
SPDT UltraCMOS??RF Switch DC - 2500 MHz
logo
Beijing Yaohuadechang E...
PE4220-M YHDC-PE4220-M Datasheet
1Mb / 1P
PE series PCB safety isolation transformer
logo
Pan Jit International I...
PE4220CS PANJIT-PE4220CS Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
More results


Similar Description - PE4223

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4212 PASTERNACK-PE4212 Datasheet
309Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4373 PASTERNACK-PE4373 Datasheet
222Kb / 3P
MHV Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4411 PASTERNACK-PE4411 Datasheet
315Kb / 3P
SMA Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4155 PASTERNACK-PE4155 Datasheet
312Kb / 2P
TNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4960 PASTERNACK-PE4960 Datasheet
300Kb / 2P
C Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE44055 PASTERNACK-PE44055 Datasheet
249Kb / 2P
UHF Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4059 PASTERNACK-PE4059 Datasheet
312Kb / 2P
N Female Connector Clamp/Solder (Captive Contact) Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4061 PASTERNACK-PE4061 Datasheet
308Kb / 2P
N Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4062 PASTERNACK-PE4062 Datasheet
258Kb / 2P
N Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE44105 PASTERNACK-PE44105 Datasheet
240Kb / 3P
MHV Female Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com