Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFS-5.08 Datasheet (PDF) - Eldeco Srl

CFS-5.08 Datasheet PDF - Eldeco Srl
Part # CFS-5.08
Download  CFS-5.08 Download
File Size   313.13 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 300V - 320V 12A - 15A

CFS-5.08 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFS-5.08 Datasheet PDF - Eldeco Srl

Part # CFS-5.08
Download  CFS-5.08 Click to download

File Size   313.13 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 300V - 320V 12A - 15A

CFS-5.08 Datasheet (HTML) - Eldeco Srl




Similar Part No. - CFS-5.08

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
CFS-5.08-F ELDECO-CFS-5.08-F Datasheet
312Kb / 1P
Standard : UL - IEC 300V - 320V 10A - 20A
More results


Similar Description - CFS-5.08

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
CMD-5-CH ELDECO-CMD-5-CH Datasheet
303Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 10A
CMD-5-V ELDECO-CMD-5-V Datasheet
293Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 10A
CMD-VF ELDECO-CMD-VF Datasheet
297Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CMK-5.08 ELDECO-CMK-5.08 Datasheet
316Kb / 1P
Standard : UL - IEC 300V - 320V 10A - 15A
CRF-5 ELDECO-CRF-5 Datasheet
148Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CRF-7.5 ELDECO-CRF-7.5 Datasheet
169Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CRS-5 ELDECO-CRS-5 Datasheet
342Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
MDL-5-H ELDECO-MDL-5-H Datasheet
315Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 10A
MDL-5-VF ELDECO-MDL-5-VF Datasheet
308Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 10A
CRF-5.08-F ELDECO-CRF-5.08-F Datasheet
179Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com