Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5832 Datasheet (PDF) - Naina Semiconductor ltd.

1N5832 Datasheet PDF - Naina Semiconductor ltd.
Part # 1N5832
Download  1N5832 Download
File Size   118.84 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 40A

1N5832 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5832 Datasheet PDF - Naina Semiconductor ltd.

Part # 1N5832
Download  1N5832 Click to download

File Size   118.84 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 40A

1N5832 Datasheet (HTML) - Naina Semiconductor ltd.




Similar Part No. - 1N5832

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5832 MICROSEMI-1N5832 Datasheet
127Kb / 2P
40 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
1N5832 TEL-1N5832 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 40 A
logo
Naina Semiconductor ltd...
1N5832 NAINA-1N5832 Datasheet
141Kb / 1P
SCHOTTKY RECTIFIER
logo
Microsemi Corporation
1N5832 MICROSEMI-1N5832 Datasheet
134Kb / 2P
40 Amp Schottky Rectifier
logo
Naina Semiconductor ltd...
1N5832 NAINA-1N5832 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
More results


Similar Description - 1N5832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL4030PT DIODES-SBL4030PT_1 Datasheet
71Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
logo
Digitron Semiconductors
MBR5025L DIGITRON-MBR5025L Datasheet
212Kb / 2P
40A SCHOTTKY RECTIFIER
MBR4045WT DIGITRON-MBR4045WT Datasheet
142Kb / 2P
40A SCHOTTKY RECTIFIER
MBR4045PT DIGITRON-MBR4045PT Datasheet
149Kb / 2P
40A SCHOTTKY RECTIFIER
logo
Frontier Electronics.
MBR4040CT FRONTIER-MBR4040CT Datasheet
524Kb / 2P
40A SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
C40S120CT CITC-C40S120CT Datasheet
466Kb / 3P
40A Trench Schottky Rectifier
CF40S100CT CITC-CF40S100CT Datasheet
467Kb / 3P
40A Trench Schottky Rectifier
CF4060CT CITC-CF4060CT Datasheet
500Kb / 3P
40A High Power Schottky Barrier Rectifier
logo
Rectron Semiconductor
SC3S06540B RECTRON-SC3S06540B Datasheet
255Kb / 5P
650V/40A Silicon Carbide Schottky Diode
SC3S12040B RECTRON-SC3S12040B Datasheet
586Kb / 5P
1200v/40A Silicon Carbide Power Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com