Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6097R Datasheet (PDF) - Naina Semiconductor ltd.

1N6097R Datasheet PDF - Naina Semiconductor ltd.
Part # 1N6097R
Download  1N6097R Download
File Size   123.58 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 50A

1N6097R Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6097R Datasheet PDF - Naina Semiconductor ltd.

Part # 1N6097R
Download  1N6097R Click to download

File Size   123.58 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 50A

1N6097R Datasheet (HTML) - Naina Semiconductor ltd.


1N6097R Product details

Features
• Fast Switching
• Low forward voltage drop
• High surge capability
• High efficiency, low power loss
• Normal and Reverse polarity




Similar Part No. - 1N6097R

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N6097R TEL-1N6097R Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 50 A
logo
GeneSiC Semiconductor, ...
1N6097R GENESIC-1N6097R Datasheet
646Kb / 3P
Silicon Power Schottky Diode
More results


Similar Description - 1N6097R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GC50MPS33-CAL GENESIC-GC50MPS33-CAL Datasheet
260Kb / 6P
3300V 50A SiC Schottky MPS??Diode
GD50MPS12-CAL GENESIC-GD50MPS12-CAL Datasheet
300Kb / 6P
1200V 50A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D1250K UNITEDSIC-UJ3D1250K Datasheet
329Kb / 6P
50A -1200V SiC Schottky Diode
Rev. D, May 2020
UJ3D1250K2 UNITEDSIC-UJ3D1250K2 Datasheet
315Kb / 6P
50A -1200V SiC Schottky Diode
Rev. B, April 2020
logo
Silicon Supplies
SIS650S50AS SS-SIS650S50AS Datasheet
896Kb / 3P
650V 50A SiC Schottky Diode
Rev 1.0 30/10/23
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X50-065P1B DACO-CSRI2X50-065P1B Datasheet
379Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×50A
Feb 2023 Rev 1.2
CSRI2X50-065P2B DACO-CSRI2X50-065P2B Datasheet
508Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×50A
May 2023 Rev 1.0
CSRI2X50-120P1B DACO-CSRI2X50-120P1B Datasheet
423Kb / 5P
SiC SCHOTTKY DIODE TYPE 2×50A
Feb 2023 Rev 1.2
CSRI2X50-170P1B DACO-CSRI2X50-170P1B Datasheet
379Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×50A
Feb 2023 Rev 1.2
CSRI2X75-065P1B DACO-CSRI2X75-065P1B Datasheet
1Mb / 4P
SiC SCHOTTKY DIODE TYPE 2×50A
Feb 2023 Rev 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com