Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR7545 Datasheet (PDF) - Naina Semiconductor ltd.

MBR7545 Datasheet PDF - Naina Semiconductor ltd.
Part # MBR7545
Download  MBR7545 Download
File Size   123.29 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 75A

MBR7545 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR7545 Datasheet PDF - Naina Semiconductor ltd.

Part # MBR7545
Download  MBR7545 Click to download

File Size   123.29 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 75A

MBR7545 Datasheet (HTML) - Naina Semiconductor ltd.


MBR7545 Product details

Features
• Fast Switching
• Low forward voltage drop
• High surge capability
• High efficiency, low power loss
• Normal and Reverse polarity




Similar Part No. - MBR7545

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR7545 IRF-MBR7545 Datasheet
26Kb / 3P
SCHOTTKY RECTIFIER
logo
TRANSYS Electronics Lim...
MBR7545 TEL-MBR7545 Datasheet
123Kb / 2P
SCHOTTKY DIODES STUD TYPE 75 A
logo
Digitron Semiconductors
MBR7545 DIGITRON-MBR7545 Datasheet
316Kb / 2P
75A SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
MBR7545 NJSEMI-MBR7545 Datasheet
78Kb / 2P
SCHOTTKY RECTIFIER
logo
GeneSiC Semiconductor, ...
MBR7545 GENESIC-MBR7545 Datasheet
326Kb / 3P
Not ESD Sensitive
More results


Similar Description - MBR7545

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
75A, 1200V Hyperfast Diode
January 2000
RHRG7560 INTERSIL-RHRG7560 Datasheet
46Kb / 4P
75A, 600V Hyperfast Diode
January 2000
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
75A, 1200V Hyperfast Diode
April 1995
logo
Naina Semiconductor ltd...
MBR7520 NAINA-MBR7520 Datasheet
123Kb / 2P
Schottky Power Diode, 75A
logo
Digitron Semiconductors
MBR7535 DIGITRON-MBR7535 Datasheet
316Kb / 2P
75A SCHOTTKY RECTIFIER
logo
GeneSiC Semiconductor, ...
GD75MPS17-CAL GENESIC-GD75MPS17-CAL Datasheet
296Kb / 6P
1700V 75A SiC Schottky MPS??Diode
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X75-065P2B DACO-CSRI2X75-065P2B Datasheet
513Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×75A
may 2023 Rev 1.0
CSRI2X75-120P1B DACO-CSRI2X75-120P1B Datasheet
392Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×75A
Feb 2023 Rev 1.2
CSRI2X75-170P1B DACO-CSRI2X75-170P1B Datasheet
378Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×75A
Feb 2023 Rev 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com