Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMR52-H Datasheet (PDF) - Eldeco Srl

MMR52-H Datasheet PDF - Eldeco Srl
Part # MMR52-H
Download  MMR52-H Download
File Size   518.72 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 300V - 250V 15A - 22A

MMR52-H Datasheet (PDF)

Go To PDF Page Download Datasheet
MMR52-H Datasheet PDF - Eldeco Srl

Part # MMR52-H
Download  MMR52-H Click to download

File Size   518.72 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 300V - 250V 15A - 22A

MMR52-H Datasheet (HTML) - Eldeco Srl




Similar Part No. - MMR52-H

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
MMR52-V ELDECO-MMR52-V Datasheet
518Kb / 1P
Standard : UL - IEC 300V - 250V 15A - 22A
More results


Similar Description - MMR52-H

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
BLT52-V ELDECO-BLT52-V Datasheet
504Kb / 1P
Standard : UL - IEC 300V - 250V 16A - 17.5A
CMD-3.81-HF ELDECO-CMD-3.81-HF Datasheet
310Kb / 1P
Standard : UL - IEC 300V - 250V 8A - 7A
CMD-3.81-V ELDECO-CMD-3.81-V Datasheet
299Kb / 1P
Standard : UL - IEC 300V - 250V 8A - 7A
CRV-3.5-L ELDECO-CRV-3.5-L Datasheet
407Kb / 1P
Standard : UL - IEC 300V - 250V 8A - 7A
MLR51-V ELDECO-MLR51-V Datasheet
510Kb / 1P
Standard : UL - IEC 300V - 250V 16A - 22A
MMR52-V ELDECO-MMR52-V Datasheet
518Kb / 1P
Standard : UL - IEC 300V - 250V 15A - 22A
MRB51-V ELDECO-MRB51-V Datasheet
513Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 15A
MRM7-7.62-H ELDECO-MRM7-7.62-H Datasheet
246Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 15A
MRM7-H ELDECO-MRM7-H Datasheet
478Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 15A
MRM7-V ELDECO-MRM7-V Datasheet
484Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 15A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com