Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-F151 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-F151 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HDSP-F151
Download  HDSP-F151 Download
File Size   284.11 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 10 mm (0.40 inch) Seven Segment Displays

HDSP-F151 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-F151 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-F151
Download  HDSP-F151 Click to download

File Size   284.11 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 10 mm (0.40 inch) Seven Segment Displays

HDSP-F151 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HDSP-F151 Product details

Description
The 10 mm (0.40 inch) LED seven segment displays are Avago’s most space-efficient character size. They are designed for viewing distances up to 4.5 metres (15 feet). These devices use an industry standard size package and pinout. The dual numeric, single numeric, and ± 1. overflow devices feature a right hand decimal point. All devices are available as either common anode or common cathode.
Typical applications include instruments, point of sale terminals, and appliances.

Features
• Industry standard size
• Industry standard pinout
   7.6 mm (0.3 inch) DIP single
   15.24 mm (0.6 inch) DIP dual
   Leads on 2.54 mm (0.1 inch) centers
• Choice of colors
   AlGaAs Red, High Efficiency Red, Orange, Yellow, Green
• Excellent appearance
   Evenly lighted segments
   Mitered corners on segments
   Gray package gives optimum contrast
   Black surface and color tinted epoxy (HDSP-F161 only)
   ±50° viewing angle
• Design flexibility
   Common anode or common cathode
   Single and dual digits
   Right hand decimal point
   ±1. overflow character
• Categorized for luminous intensity
   Yellow and Green categorized for color
   Use of like categories yields a uniform display
• High light output
• High peak current
• Excellent for long digit string multiplexing
• Intensity and color selection option
• Sunlight viewable AlGaAs




Similar Part No. - HDSP-F151

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
293Kb / 11P
10 mm (0.40 inch) Seven Segment Displays Single and dual digits
logo
Agilent(Hewlett-Packard...
HDSP-F151-00000 HP-HDSP-F151-00000 Datasheet
482Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
HDSP-F151-00016 HP-HDSP-F151-00016 Datasheet
482Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151_1 Datasheet
293Kb / 11P
10 mm (0.40 inch) Seven Segment Displays Single and dual digits
More results


Similar Description - HDSP-F151

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151_1 Datasheet
293Kb / 11P
10 mm (0.40 inch) Seven Segment Displays Single and dual digits
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
HDSP-FXXX AVAGO-HDSP-FXXX Datasheet
331Kb / 8P
10 mm (0.40 inch) Seven Segment Displays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com