Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860EC Datasheet (PDF) - Motorola, Inc

MPC860EC Datasheet PDF - Motorola, Inc
Part # MPC860EC
Download  MPC860EC Download
File Size   857.35 Kbytes
Page   76 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Family Hardware Specifications

MPC860EC Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC860EC Datasheet PDF - Motorola, Inc

Part # MPC860EC
Download  MPC860EC Click to download

File Size   857.35 Kbytes
Page   76 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Family Hardware Specifications

MPC860EC Datasheet (HTML) - Motorola, Inc


MPC860EC Product details

Overview

The MPC860 Quad Integrated Communications Controller (PowerQUICC™) is a versatile one-chip integrated microprocessor and peripheral combination designed for a variety of controller applications. It particularly excels in both communications and networking systems. The PowerQUICC unit is referred to as the MPC860 in this manual.



Features

The following list summarizes the key MPC860 features:

• Embedded single-issue, 32-bit MPC8xx core (implementing the PowerPC architecture) with thirty-two 32-bit general-purpose registers (GPRs)

— The core performs branch prediction with conditional prefetch, without conditional execution

— 4- or 8-Kbyte data cache and 4- or 16-Kbyte instruction cache (see Table 1)

  – 16-Kbyte instruction caches are four-way, set-associative with 256 sets;

     4-Kbyte instruction caches are two-way, set-associative with 128 sets.

  – 8-Kbyte data caches are two-way, set-associative with 256 sets; 4-Kbyte data caches are two-way, set-associative with 128 sets.

  – Cache coherency for both instruction and data caches is maintained on 128-bit (4-word) cache blocks.

  – Caches are physically addressed, implement a least recently used (LRU) replacement algorithm, and are lockable on a cache block basis.

— Instruction and data caches are two-way, set-associative, physically addressed, LRU replacement, and lockable on-line granularity.

— MMUs with 32-entry TLB, fully associative instruction, and data TLBs

— MMUs support multiple page sizes of 4, 16, and 512 Kbytes, and 8 Mbytes; 16 virtual address spaces and 16 protection groups

— Advanced on-chip-emulation debug mode

• Up to 32-bit data bus (dynamic bus sizing for 8, 16, and 32 bits)

• 32 address lines

• Operates at up to 80 MHz

• Memory controller (eight banks)

— Contains complete dynamic RAM (DRAM) controller

— Each bank can be a chip select or RASto support a DRAM bank

— Up to 15 wait states programmable per memory bank

— Glueless interface to DRAM, SIMMS, SRAM, EPROM, Flash EPROM, and other memory devices.

— DRAM controller programmable to support most size and speed memory interfaces

— Four CASlines, four WElines, one OEline

— Boot chip-select available at reset (options for 8-, 16-, or 32-bit memory)

— Variable block sizes (32 Kbyte to 256 Mbyte)

— Selectable write protection

— On-chip bus arbitration logic

• General-purpose timers

— Four 16-bit timers or two 32-bit timers

— Gate mode can enable/disable counting

— Interrupt can be masked on reference match and event capture

• System integration unit (SIU)

— Bus monitor

— Software watchdog

— Periodic interrupt timer (PIT)

— Low-power stop mode

— Clock synthesizer

— Three parallel I/O registers with open-drain capability

• Four baud-rate generators (BRGs)

— Independent (can be connected to any SCC or SMC)

— Allow changes during operation

— Autobaud support option

• Four serial communications controllers (SCCs)

— Ethernet/IEEE 802.3 optional on SCC1–4, supporting full 10-Mbps operation (available only on specially programmed devices).

— HDLC/SDLC(all channels supported at 2 Mbps)

— HDLC bus (implements an HDLC-based local area network (LAN))

— Asynchronous HDLC to support PPP (point-to-point protocol)

— AppleTalk

— Universal asynchronous receiver transmitter (UART)

— Synchronous UART

— Serial infrared (IrDA)

— Binary synchronous communication (BISYNC)

— Totally transparent (bit streams)

— Totally transparent (frame based with optional cyclic redundancy check (CRC))

• Two SMCs (serial management channels)

— UART

— Transparent

— General circuit interface (GCI) controller

— Can be connected to the time-division multiplexed (TDM) channels

• One SPI (serial peripheral interface)

— Supports master and slave modes

— Supports multimaster operation on the same bus

• One I2C (inter-integrated circuit) port

— Supports master and slave modes

— Multiple-master environment support

• Time-slot assigner (TSA)

— Allows SCCs and SMCs to run in multiplexed and/or non-multiplexed operation

— Supports T1, CEPT, PCM highway, ISDN basic rate, ISDN primary rate, user defined

— 1- or 8-bit resolution

— Allows independent transmit and receive routing, frame synchronization, clocking

— Allows dynamic changes

— Can be internally connected to six serial channels (four SCCs and two SMCs)

• Parallel interface port (PIP)

— Centronics interface support

— Supports fast connection between compatible ports on the MPC860 or the MC68360

• PCMCIA interface

— Master (socket) interface, release 2.1 compliant

— Supports two independent PCMCIA sockets

— Eight memory or I/O windows supported

• Low power support

— Full on—all units fully powered

— Doze—core functional units disabled, except time base decrementer, PLL, memory controller, RTC, and CPM in low-power standby

— Sleep—all units disabled, except RTC and PIT, PLL active for fast wake up

— Deep sleep—all units disabled including PLL, except RTC and PIT

— Power down mode— all units powered down, except PLL, RTC, PIT, time base, and decrementer

• Debug interface

— Eight comparators: four operate on instruction address, two operate on data address, and two operate on data

— Supports conditions: =≠<>

— Each watchpoint can generate a break-point internally

• 3.3 V operation with 5-V TTL compatibility except EXTAL and EXTCLK

• 357-pin ball grid array (BGA) package




Similar Part No. - MPC860EC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
Hardware Specification
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
Family Hardware Specifications
logo
Freescale Semiconductor...
MPC860EC FREESCALE-MPC860EC Datasheet
1Mb / 80P
PowerQUICC??Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
More results


Similar Description - MPC860EC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
Family Hardware Specifications
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
PowerQUICC II Family Hardware Specifications
MPC8260AEC MOTOROLA-MPC8260AEC Datasheet
347Kb / 48P
MPC826xA (HiP4) Family Hardware Specifications
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com