Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YGV641 Datasheet (PDF) - YAMAHA CORPORATION

YGV641 Datasheet PDF - YAMAHA CORPORATION
Part # YGV641
Download  YGV641 Download
File Size   2458.04 Kbytes
Page   2 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description Cutting-edge GDC with Sprite Architecture

YGV641 Datasheet (PDF)

Go To PDF Page Download Datasheet
YGV641 Datasheet PDF - YAMAHA CORPORATION

Part # YGV641
Download  YGV641 Click to download

File Size   2458.04 Kbytes
Page   2 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description Cutting-edge GDC with Sprite Architecture

YGV641 Datasheet (HTML) - YAMAHA CORPORATION


YGV641 Product details

Graphic controller for small-size (WQVGA) home appliance and automotive LCDs with original data compression method.

- Sprite drawing: maximum 341 frames, pixels: 2, 16, 32, 64, 256, 256K, 64M colors,alpha blending

- Line drawing: maximum 510 (line display color, 32K colors), anti-alias

- Built-in line buffer, external VRAM not necessary

- Proportional font function, scaling, anti-alias font, alpha blending

- Support kerning

- Image output: DRGB888, DRGB666, built-in T-CON

- Macro command function

- Original data compression method → Sprite:about 1/3,Font:1/2

- 100 pin SQFP, -40 to 105 centigrade




Similar Part No. - YGV641

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YGV606B ETC-YGV606B Datasheet
982Kb / 12P
ADVANCED VIDEO DISPLAY PROCESSOR
YGV610B ETC1-YGV610B Datasheet
417Kb / 7P
COLOR PANEL DISPLAY CONTROLLER
YGV613 ETC-YGV613 Datasheet
877Kb / 14P
NVDP NAVIGATION SYSTEM VDP
YGV617B ETC-YGV617B Datasheet
586Kb / 7P
ADVANCED VIDEO DISPLAY PROCESSOR
YGV618 ETC-YGV618 Datasheet
769Kb / 12P
ADVANVED VIDEO DISPLAY PROCESSOR 5
More results


Similar Description - YGV641

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VTR16D1H ETC2-VTR16D1H Datasheet
3Mb / 44P
Photon detection for tomorrows cutting-edge applications.
logo
Rosenberger Hochfrequen...
02W004-000 ROSENBERGER-02W004-000 Datasheet
35Kb / 1P
CUTTING BIT
logo
ADL Embedded Solutions
ADLE3800SEC ADL-ADLE3800SEC Datasheet
114Kb / 1P
Edge-Connect Architecture
ADLSEC-1710 ADL-ADLSEC-1710 Datasheet
579Kb / 1P
Edge-Connect Architecture
logo
PHOENIX CONTACT
CUTFOX-62 PHOENIX-CUTFOX-62 Datasheet
48Kb / 2P
Superb cutting quality
CUTFOX-CD PHOENIX-CUTFOX-CD Datasheet
49Kb / 2P
Easy, burr-free cutting with minimum effort thanks to the special cutting geometry and optimum leverage
logo
Harwin Plc
Z1022-00 HARWIN-Z1022-00 Datasheet
122Kb / 1P
HAND CUTTING TOOL
logo
TOKYO SEIMITSU CO., LTD
DS ACCRETECH-DS Datasheet
476Kb / 2P
Higher cutting ability, better cutting quality
logo
PHOENIX CONTACT
1104980 PHOENIX-1104980 Datasheet
58Kb / 3P
Cutting tool - PPS COMPACT
logo
STMicroelectronics
STM32 STMICROELECTRONICS-STM32_V01 Datasheet
140Kb / 6P
Leading-edge architecture with Cortex-M3 core
12-Dec-2014
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com