Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-1042-C2-R0_DS Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-1042-C2-R0_DS Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-1042-C2-R0_DS
Download  ATS-1042-C2-R0_DS Download
File Size   2690.99 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description maxiFLOW™ Cross Cut High Performance Heat Sinks with Metal Push Pin

ATS-1042-C2-R0_DS Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-1042-C2-R0_DS Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-1042-C2-R0_DS
Download  ATS-1042-C2-R0_DS Click to download

File Size   2690.99 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description maxiFLOW™ Cross Cut High Performance Heat Sinks with Metal Push Pin

ATS-1042-C2-R0_DS Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS-1042-C2-R0_DS Product details

For larger heat sinks and higher pre-loads, push pins with compression
springs are an effective mounting choice. The push pin has a flexible
barb at the end that is designed to engage with a pre-drilled hole in
a PWB. The compression spring adds the necessary force to hold
the assembly together. Provides better thermal performance than
comparable size straight fin and pin fin heat sinks
Features proven high performance maxiFLOW™ heat sink spread fin
array to maximize cooling surfaces
Ideal for tight spaced components where wider heat sinks can’t be
used
Provided with pre-assembled thermal interface material centered on
base
Brass push pin with steel compression spring
Reccomended through hole size in PCB is 3.00 mm




Similar Part No. - ATS-1042-C2-R0_DS

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
High Performance Heat Sinks
REV3_052912
More results


Similar Description - ATS-1042-C2-R0_DS

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1043-C1-R0_DS ATS-ATS-1043-C1-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Plastic Push Pin
REV1_0908
ATS-1043-C2-R0_DS ATS-ATS-1043-C2-R0_DS Datasheet
2Mb / 1P
maxiFLOW Cross Cut High Performance Heat Sinks with Metal Push Pin
REV1_0908
ATS-1038-C1-R0_DS ATS-ATS-1038-C1-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Plastic Push Pin
REV1_0908
ATS-1038-C2-R0_DS ATS-ATS-1038-C2-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Metal Push Pin
REV1_0908
ATS-1039-C1-R0_DS ATS-ATS-1039-C1-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Plastic Push Pin
REV1_0908
ATS-1039-C2-R0_DS ATS-ATS-1039-C2-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Metal Push Pin
REV1_0908
ATS-1040-C1-R0_DS ATS-ATS-1040-C1-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Plastic Push Pin
REV1_0908
ATS-1040-C2-R0_DS ATS-ATS-1040-C2-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Metal Push Pin
REV1_0908
ATS-1041-C2-R0_DS ATS-ATS-1041-C2-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Metal Push Pin
REV1_0908
ATS-1042-C1-R0_DS ATS-ATS-1042-C1-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Plastic Push Pin
REV1_0908
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com