Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1551B Datasheet (PDF) - ACE Technology Co., LTD.

ACE1551B Datasheet PDF - ACE Technology Co., LTD.
Part # ACE1551B
Download  ACE1551B Download
File Size   669.1 Kbytes
Page   7 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description N-Channel Enhancement Mode Field Effect Transistor

ACE1551B Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE1551B Datasheet PDF - ACE Technology Co., LTD.

Part # ACE1551B
Download  ACE1551B Click to download

File Size   669.1 Kbytes
Page   7 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description N-Channel Enhancement Mode Field Effect Transistor

ACE1551B Datasheet (HTML) - ACE Technology Co., LTD.


ACE1551B Product details

Description
The ACE1551B combines advanced trench MOSFET technology with a low resistance package to provide This device is ideal for Power Supply Converter Circuits and Load/Power Switching Cell Phones, Pagers.

Features
• VDS =20V
• ID=0.7A
• RDS(ON)<360mΩ (VGS=4.5V)
• RDS(ON)<420mΩ (VGS=2.5V)
• RDS(ON)<560mΩ (VGS=1.8V)




Similar Part No. - ACE1551B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1551A ACE-ACE1551A Datasheet
582Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
More results


Similar Description - ACE1551B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com