Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1632B Datasheet (PDF) - ACE Technology Co., LTD.

ACE1632B Datasheet PDF - ACE Technology Co., LTD.
Part # ACE1632B
Download  ACE1632B Download
File Size   614.75 Kbytes
Page   6 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description N-Channel Enhancement Mode Field Effect Transistor

ACE1632B Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE1632B Datasheet PDF - ACE Technology Co., LTD.

Part # ACE1632B
Download  ACE1632B Click to download

File Size   614.75 Kbytes
Page   6 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description N-Channel Enhancement Mode Field Effect Transistor

ACE1632B Datasheet (HTML) - ACE Technology Co., LTD.


ACE1632B Product details

Description
ACE1613B uses advanced trench technology to provide excellent RDS(ON). This device particularly suits for low voltage application such as power management of desktop computer or notebook computer power management, DC/DC converter.
This device has specifically been designed to minimize input capacitance and gate charge. It is therefore suitable as primary switch in advanced high-efficiency isolated DC-DC converters for Telecom and Computer application. It is also intended for any application with low gate charge drive requirements.

Features
• VDS =60V, ID=18A, VGS 20V
• RDS(ON)<40mΩ @VGS=10V




Similar Part No. - ACE1632B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE16302A ACE-ACE16302A Datasheet
456Kb / 9P
N & P Pair Enhancement Mode MOSFET
VER 1.1
ACE16302AGMS+H ACE-ACE16302AGMS+H Datasheet
456Kb / 9P
N & P Pair Enhancement Mode MOSFET
VER 1.1
ACE16354B ACE-ACE16354B Datasheet
813Kb / 8P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results


Similar Description - ACE1632B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com