Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802 Datasheet (PDF) - 3M Electronics

5802 Datasheet PDF - 3M Electronics
Part # 5802
Download  5802 Download
File Size   982.73 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description .050 × .100 for .025 Pitch Cable

5802 Datasheet (PDF)

Go To PDF Page Download Datasheet
5802 Datasheet PDF - 3M Electronics

Part # 5802
Download  5802 Click to download

File Size   982.73 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description .050 × .100 for .025 Pitch Cable

5802 Datasheet (HTML) - 3M Electronics


5802 Product details

Features
■ Current Rating: 3.00 A, 1 Contact Powered
■ 2.00 A, 4 Contacts Powered
■ 0.75 A, All Contacts Powered
■ Rating Conditions: EIA-364-070 Method 2, 30 degrees C maximum temperature
■ rise, 20% derated. Reference appropriate 3M Product Specification for detailed
■ current derating curves.
■ Insulation Resistance: > 1 × 109 Ω at 500 VDC
■ Withstanding Voltage: 500 VRMS at Sea Level Environmental
■ Temperature Rating: -55°C to +105°C UL File No.: E68080




Similar Part No. - 5802

ManufacturerPart #DatasheetDescription
logo
C&K Components
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
Sealed Tiny Pushbutton Switches
logo
Kyocera Kinseki Corpota...
5802 KSS-5802 Datasheet
380Kb / 2P
Board to Board Connector
logo
List of Unclassifed Man...
5802 ETC-5802 Datasheet
462Kb / 6P
738A ADEMCO™ INTERFACE
logo
Knowles Electronics
5802 KNOWLES-5802 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Festo Corporation.
5802 FESTO-5802 Datasheet
95Kb / 1P
Sub-base
More results


Similar Description - 5802

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3749 3M-3749 Datasheet
27Kb / 2P
025 Round Conductor Flat Cable
19-Feb-1999
logo
Adam Technologies, Inc.
HBHR20VSG ADAM-TECH-HBHR20VSG Datasheet
128Kb / 1P
.050 BOX HEADERS .050 X .050 & .050 X .100
logo
Molex Electronics Ltd.
0307005167 MOLEX4-0307005167 Datasheet
351Kb / 4P
2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64?
0307001102 MOLEX4-0307001102 Datasheet
490Kb / 4P
2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC
0307001101 MOLEX4-0307001101 Datasheet
490Kb / 4P
2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64?
0309681100 MOLEX4-0309681100 Datasheet
312Kb / 3P
2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64?
0309681169 MOLEX4-0309681169 Datasheet
312Kb / 3P
2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64?
0307001187 MOLEX4-0307001187 Datasheet
490Kb / 4P
2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64?
logo
3M Electronics
3417-7040 3M-3417-7040 Datasheet
1Mb / 4P
3M™ Wiremount Socket .100” × .100” for .050” Pitch Cable (Optional Plastic or Metal Strain Relief)
12-Oct-2011
logo
Molex Electronics Ltd.
038007222 MOLEX-038007222 Datasheet
266Kb / 4P
WAFER, FRICTION LOCK KK (2.54)/.100 FOR (0.64)/.025 SQ. PINS
2005/03/11
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com