Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8505 Datasheet (PDF) - 3M Electronics

8505 Datasheet PDF - 3M Electronics
Part # 8505
Download  8505 Download
File Size   103.59 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Lightweight Portable Field Service Kit

8505 Datasheet (PDF)

Go To PDF Page Download Datasheet
8505 Datasheet PDF - 3M Electronics

Part # 8505
Download  8505 Click to download

File Size   103.59 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Lightweight Portable Field Service Kit

8505 Datasheet (HTML) - 3M Electronics


8505 Product details

Description
8505 Lightweight Portable Field Service Kit Kit contains: • Static Dissipative Worksurface with Pocket 0.015 H x 15 W x 20 L in. (0.34 mm x 38.1 cm x 51.0 cm) • 3M™ Adjustable Wrist Band 2204 • Lightweight Coiled Ground Cords: 3M™ Wrist Strap Ground Cord 2240, 5 ft. (1.5 m) 3M™ Extension Ground Cord 2243, 5 ft. (1.5 m) 3M™ Worksurface Ground Cord 3063, 5 ft. (1.5 m) • 3M™ Alligator Clip 3038 3M™ Field Service Kit Product Selection Guide

Features
■ Model Page # Premium Portable, 22 in. x 24 in. (55.9 cm x 61.0 cm), static dissipative, red worksurface, includes 3M™ Wrist Strap Monitor 725 and dual conductor wrist strap 8507 pg. 54 Portable, 15 in. x 20 in. (38.1 cm x 50.8 cm), static dissipative, red, lightweight worksurface, includes adjustable fabric wrist strap and grounding accessories 8505 pg. 53 Standard Portable, 22 in. x 24 in. (55.9 cm x 61.0 cm), static dissipative, red worksurface, includes adjustable fabric wrist strap and grounding accessories 8501 pg. 54 Economy Portable, 24 in. x 24 in. (61.0 cm x 61.0 cm), static dissipative, red worksurface, includes adjustable fabric wrist strap and grounding accessories, low cost FSKL3RD pg. 54 Field Service Kits Sensitive microelectronic components can be damaged, even destroyed, by one ever-present enemy — static electricity. Electronic equipment is especially susceptible to static electricity during servicing. Static dissipative products manufactured by 3M are designed to provide protection at a variety of field service sites, from typical office environments to remote telephone terminals. The standard field service kit quickly and reliably removes any static charge on the technician and provides a durable, static-free surface upon which to lay parts. The lightweight version offers the same protection in a flexible, compact




Similar Part No. - 8505

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
8505 TEKTRONIX-8505 Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
logo
Heyco.
8505 HEYCO-8505 Datasheet
151Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
8505 HEYCO-8505 Datasheet
143Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
logo
List of Unclassifed Man...
85050 ETC2-85050 Datasheet
313Kb / 1P
LTCC High Temperature Inductors 0.40x0.40 inch size
logo
Molex Electronics Ltd.
85050-0000 MOLEX9-85050-0000 Datasheet
136Kb / 4P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style Q/2 Reverse, 32 Circuits
More results


Similar Description - 8505

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6087 POMONA-6087 Datasheet
26Kb / 2P
Field Service Kit, Red, ESD
6088 POMONA-6088 Datasheet
62Kb / 2P
Field Service Kit, Red Large, ESD
logo
saftbatteries
ECMC2250 SAFT-ECMC2250 Datasheet
585Kb / 2P
Lightweight field charger Dependable performance
logo
List of Unclassifed Man...
FLUKE-115 ETC2-FLUKE-115 Datasheet
760Kb / 2P
Compact true-rms meter for field service technicians
logo
Schneider Electric
LV485500 SCHNEIDER-LV485500 Datasheet
89Kb / 2P
Service interface kit, Pact series circuit breakers
Apr 22, 2021
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
Lightweight Portable Amplification System
5/28/14
UB0020 ULTRALIFE-UB0020 Datasheet
610Kb / 2P
Rugged, portable electronic field equipment
Rev A
UBBL08-01 ULTRALIFE-UBBL08-01 Datasheet
221Kb / 2P
Rugged, portable electronic field equipment
Rev: E
UBBL08 ULTRALIFE-UBBL08 Datasheet
361Kb / 2P
Rugged, portable electronic field equipment
Rev: F
logo
Bertech.
FSK BERTECH-FSK Datasheet
177Kb / 1P
ESD Field Service Kits
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com