Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70072 Datasheet (PDF) - Kemet Corporation

70072 Datasheet PDF - Kemet Corporation
Part # 70072
Download  70072 Download
File Size   99.24 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Capacitor, Tantalum, 100 uF, 3528, /-20% Tol, 6.3V@85C

70072 Datasheet (PDF)

Go To PDF Page Download Datasheet
70072 Datasheet PDF - Kemet Corporation

Part # 70072
Download  70072 Click to download

File Size   99.24 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Capacitor, Tantalum, 100 uF, 3528, /-20% Tol, 6.3V@85C

70072 Datasheet (HTML) - Kemet Corporation




Similar Part No. - 70072

ManufacturerPart #DatasheetDescription
logo
Sennheiser electronic S...
700720 SENNHEISER-700720 Datasheet
365Kb / 8P
Evolution Wireless Digital
V1.6
700721 SENNHEISER-700721 Datasheet
446Kb / 8P
Evolution Wireless Digital
V1.6
700722 SENNHEISER-700722 Datasheet
569Kb / 10P
Evolution Wireless Digital
V1.7
logo
Belden Inc.
70072CH BELDEN-70072CH Datasheet
186Kb / 2P
12 PAIR AES/EBU, 22AWG, ISTP, LSZH-C
12-19-2022
70072CH.00500 BELDEN-70072CH.00500 Datasheet
186Kb / 2P
12 PAIR AES/EBU, 22AWG, ISTP, LSZH-C
12-19-2022
More results


Similar Description - 70072

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T529P476M006AAE200 KEMET-T529P476M006AAE200 Datasheet
91Kb / 1P
Capacitor, Tantalum, 47 uF, 2012, /-20% Tol, 6.3V@85C
T491D337K006AT KEMET-T491D337K006AT Datasheet
100Kb / 1P
Capacitor, Tantalum, SMD, MnO2, Molded, 330 uF, 7343, /-10% Tol, 6.3V@85C
T540B107M004AH6610 KEMET-T540B107M004AH6610 Datasheet
82Kb / 1P
Capacitor, Tantalum, 100 uF, 3528, /-20% Tol, 4 VDC (85C), Failure Rate=A
T540B336M010AH6610 KEMET-T540B336M010AH6610 Datasheet
82Kb / 1P
Capacitor, Tantalum, 33 uF, 3528, /-20% Tol, 10 VDC (85C), Failure Rate=A
T541X107M020AH6510 KEMET-T541X107M020AH6510 Datasheet
82Kb / 1P
Capacitor, Tantalum, 100 uF, 7343, /-20% Tol, 20 VDC (85C), Failure Rate=A
T543B107M006ATW025 KEMET-T543B107M006ATW025 Datasheet
82Kb / 1P
Capacitor, Tantalum, 100 uF, 3528, /-20% Tol, 6.3 VDC (105C), Failure Rate=A
T491B475M020AT KEMET-T491B475M020AT Datasheet
82Kb / 1P
Capacitor, Tantalum, SMD, MnO2, Molded, 4.7 uF, 3528, /-20% Tol, 20 VDC (85C)
T494B106M016AT KEMET-T494B106M016AT Datasheet
81Kb / 1P
Capacitor, Tantalum, SMD, MnO2, Molded, Low ESR, 10 uF, 3528, /-20% Tol, 16 VDC (85C)
T491B225M020AT KEMET-T491B225M020AT Datasheet
81Kb / 1P
Capacitor, Tantalum, SMD, MnO2, Molded, 2.2 uF, 3528, /-20% Tol, 20 VDC (85C)
T491X107M020AT KEMET-T491X107M020AT Datasheet
81Kb / 1P
Capacitor, Tantalum, SMD, MnO2, Molded, 100 uF, 7343, /-20% Tol, 20 VDC (85C)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com