Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-X53230G-C1-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-X53230G-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-X53230G-C1-R0
Download  ATS-X53230G-C1-R0 Download
File Size   2596.32 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description High Performance BGA Cooling Solutions with superGRIP™ Attachment

ATS-X53230G-C1-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-X53230G-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-X53230G-C1-R0
Download  ATS-X53230G-C1-R0 Click to download

File Size   2596.32 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description High Performance BGA Cooling Solutions with superGRIP™ Attachment

ATS-X53230G-C1-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS-X53230G-C1-R0 Product details

Designed for 23 x 23 mm BGA components
superGRIPTM super strong, uniform attachment force helps achieve
maximum performance from phase-changing TIM and does not require
holes in the PCB
Allows the heat sink to be detached and reattached without damaging the
component and/or the PCB, an important feature in the event a PCB may
need to be reworked
Meets Telcordia GR-63-Core Office Vibration, ETSI 300 019
Transportation Vibration, and MIL-STD-810 Shock Testing and
Unpackaged Drop Testing standards
Requires minimal space around the component’s perimeter; ideal for
densely populated PCBs
“Keep-Out” Requirements: An “Un-Populated” boarder zone of 3 mm
around the component is necessary to facilitate the Installation/Removal of
the superGRIP™. Please refer to the superGRIP™ Keep-Out Guidelines
and superGRIP™ Installation/Removal Instructions for further details




Similar Part No. - ATS-X53230G-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-X53230B-C1-R0 ATS-ATS-X53230B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53230P-C1-R0 ATS-ATS-X53230P-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
More results


Similar Description - ATS-X53230G-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-X53170P-C1-R0 ATS-ATS-X53170P-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53190B-C1-R0 ATS-ATS-X53190B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53190G-C1-R0 ATS-ATS-X53190G-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53210B-C1-R0 ATS-ATS-X53210B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53230P-C1-R0 ATS-ATS-X53230P-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53250B-C1-R0 ATS-ATS-X53250B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53350G-C1-R0 ATS-ATS-X53350G-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53400G-C1-R0 ATS-ATS-X53400G-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53425P-C1-R0 ATS-ATS-X53425P-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53450P-C1-R0 ATS-ATS-X53450P-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com