Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB202S Datasheet (PDF) - Leshan Radio Company

DB202S Datasheet PDF - Leshan Radio Company
Part # DB202S
Download  DB202S Download
File Size   185.21 Kbytes
Page   3 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description High Current Glass Passivated Molding Single-Phase Bridge Rectifier

DB202S Datasheet (PDF)

Go To PDF Page Download Datasheet
DB202S Datasheet PDF - Leshan Radio Company

Part # DB202S
Download  DB202S Click to download

File Size   185.21 Kbytes
Page   3 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description High Current Glass Passivated Molding Single-Phase Bridge Rectifier

DB202S Datasheet (HTML) - Leshan Radio Company


DB202S Product details

Reverse Voltage 100 to 1000V Forward Current 2.0 A

FEATURES
● Plastic Package has Underwriters Laboratory
   Flammability Classification 94V-0
● High current capacity with small package
● Glass passivated chip junctions
● Superior thermal conductivity
● High IFSM




Similar Part No. - DB202S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB202S SECOS-DB202S Datasheet
106Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
logo
Rectron Semiconductor
DB202S RECTRON-DB202S Datasheet
378Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
SeCoS Halbleitertechnol...
DB202S SECOS-DB202S Datasheet
151Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB202S LUGUANG-DB202S Datasheet
164Kb / 2P
Silicon Bridge Rectifiers
logo
Kwang Myoung I.S. CO.,L...
DB202S KISEMICONDUCTOR-DB202S Datasheet
252Kb / 2P
2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Similar Description - DB202S

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D2KB10 LRC-D2KB10 Datasheet
228Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D3KB10 LRC-D3KB10 Datasheet
190Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D20SB10 LRC-D20SB10_12 Datasheet
317Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D35SB10 LRC-D35SB10 Datasheet
293Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com