Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2SC4226T3G Datasheet (PDF) - Leshan Radio Company

L2SC4226T3G Datasheet PDF - Leshan Radio Company
Part # L2SC4226T3G
Download  L2SC4226T3G Download
File Size   175.94 Kbytes
Page   5 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description High-Frequency Amplifier Transistor Small Mini Mold Package

L2SC4226T3G Datasheet (PDF)

Go To PDF Page Download Datasheet
L2SC4226T3G Datasheet PDF - Leshan Radio Company

Part # L2SC4226T3G
Download  L2SC4226T3G Click to download

File Size   175.94 Kbytes
Page   5 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description High-Frequency Amplifier Transistor Small Mini Mold Package

L2SC4226T3G Datasheet (HTML) - Leshan Radio Company


L2SC4226T3G Product details

DESCRIPTION
The L2SC4226T1G is a low supply voltage transistor designed for VHF, UHF low noise amplifier.
It is suitable for a high density surface mount assembly since the transistor has been applied small mini mold package.
We declare that the material of product compliance with RoHS requirements.

FEATURES
• Low Noise
   NF = 1.2 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA
• High Gain
   |S21e|2 = 9.0 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA
• Small Mini Mold Package
   EIAJ: SC-70




Similar Part No. - L2SC4226T3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC4226QT1 LRC-L2SC4226QT1 Datasheet
151Kb / 5P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
More results


Similar Description - L2SC4226T3G

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1226 NEC-2SA1226 Datasheet
183Kb / 4P
HIGH FREQUENCY AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SA1461 NEC-2SA1461 Datasheet
234Kb / 4P
HIGH FREQUENCY AMPLIFIER AND SWITCHING PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD?
2SA811A NEC-2SA811A Datasheet
178Kb / 4P
AUDIO FREQUENCY HIGH GAIN AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD?
2SC1622A NEC-2SC1622A Datasheet
234Kb / 4P
AUDIO FREQUENCY HIGH GAIN AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC2223 NEC-2SC2223 Datasheet
222Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC2351 NEC-2SC2351 Datasheet
30Kb / 4P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3734 NEC-2SC3734 Datasheet
233Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC4954 NEC-2SC4954 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4955 NEC-2SC4955 Datasheet
44Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Renesas Technology Corp
2SC3739-T1B-A RENESAS-2SC3739-T1B-A Datasheet
368Kb / 8P
HIGH FREQUENCY AMPLIFIER AND SWITCHING NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com