Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO4459PT1G Datasheet (PDF) - Leshan Radio Company

LO4459PT1G Datasheet PDF - Leshan Radio Company
Part # LO4459PT1G
Download  LO4459PT1G Download
File Size   372.11 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Channel Enhancement Mode Field Effect Transistor

LO4459PT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
LO4459PT1G Datasheet PDF - Leshan Radio Company

Part # LO4459PT1G
Download  LO4459PT1G Click to download

File Size   372.11 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Channel Enhancement Mode Field Effect Transistor

LO4459PT1G Datasheet (HTML) - Leshan Radio Company


LO4459PT1G Product details

General Description
The LO4459PT1G uses advanced trench technology to provide excellent RDS(ON) with low gate charge. This device is suitable for use as a load switch or in PWM applications.
LO4459PT1G is a Green Product ordering option.

Features
   VDS (V) = -30V
   ID = -6.5A
   RDS(ON) < 46mΩ (VGS = -10V)
   RDS(ON) < 72mΩ (VGS = -4.5V)




Similar Part No. - LO4459PT1G

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LO40SX SAFT-LO40SX Datasheet
447Kb / 2P
3.0 V Primary lithium-sulfur dioxide High drain capability
LO43SHX SAFT-LO43SHX Datasheet
226Kb / 2P
3.0 V Primary lithium - sulfur dioxide
logo
MORNSUN Science& Techno...
LO45-10B03 MORNSUN-LO45-10B03 Datasheet
915Kb / 4P
45W, AC-DC converter
LO45-10B05 MORNSUN-LO45-10B05 Datasheet
915Kb / 4P
45W, AC-DC converter
LO45-10B09 MORNSUN-LO45-10B09 Datasheet
915Kb / 4P
45W, AC-DC converter
More results


Similar Description - LO4459PT1G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com