Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC Datasheet (PDF) - Leshan Radio Company

SMC Datasheet PDF - Leshan Radio Company
Part # SMC
Download  SMC Download
File Size   189.14 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V

SMC Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC Datasheet PDF - Leshan Radio Company

Part # SMC
Download  SMC Click to download

File Size   189.14 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V

SMC Datasheet (HTML) - Leshan Radio Company


SMC Product details

Reverse Voltage 50 to 1000V Forward Current 3.0A

FEATURES
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* High temperature metallurgically
   bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
   of MIL-S-19500
* 3.0 A operation at TA=75°C with no thermal runaway
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
   260°C/10 seconds




Similar Part No. - SMC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Formosa MS
SMC FORMOSA-SMC Datasheet
52Kb / 1P
Case No. SMC Device
logo
Diodes Incorporated
SMC DIODES-SMC Datasheet
174Kb / 12P
SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
HolyStone International
SMC HOLYSTONECAPS-SMC Datasheet
237Kb / 3P
Stacked MLCC Capacitors
logo
Digitron Semiconductors
SMC DIGITRON-SMC Datasheet
520Kb / 4P
TRANSIENT ABSORPTION ZENER DIODES
More results


Similar Description - SMC

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FM401 LRC-FM401_12 Datasheet
178Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50
RL201G LRC-RL201G Datasheet
171Kb / 7P
Glass Passivated Junction General Purpose Rectifiers Reverse Voltage 50 to 1000V
S2A LRC-S2A Datasheet
291Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SODF157-SH LRC-SODF157-SH Datasheet
172Kb / 7P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
SOD4001T-SH LRC-SOD4001T-SH Datasheet
310Kb / 11P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF407 LRC-FMAF407 Datasheet
223Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SOD4007T-SH LRC-SOD4007T-SH Datasheet
310Kb / 11P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com