Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656YSTZ Datasheet (PDF) - Analog Devices

AD7656YSTZ Datasheet PDF - Analog Devices
Part # AD7656YSTZ
Download  AD7656YSTZ Download
File Size   588.19 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC

AD7656YSTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7656YSTZ Datasheet PDF - Analog Devices

Part # AD7656YSTZ
Download  AD7656YSTZ Click to download

File Size   588.19 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC

AD7656YSTZ Datasheet (HTML) - Analog Devices


AD7656YSTZ Product details

GENERAL DESCRIPTION
The AD7656/AD7657/AD76581 contain six 16-/14-/12-bit, fast, low power, successive approximation ADCs all in the one package that is designed on the iCMOS™ process (industrial CMOS). iCMOS is a process combining high voltage silicon with submicron CMOS and complementary bipolar technologies. It enables the development of a wide range of high performance analog ICs, capable of 33 V operation in a footprint that no previous generation of high voltage parts could achieve. Unlike analog ICs using conventional CMOS processes, iCMOS components can accept bipolar input signals while providing increased performance, which dramatically reduces power consumption and package size.

FEATURES
    6 independent ADCs
    True bipolar analog inputs
    Pin-/software-selectable ranges: ±10 V, ±5 V
    Fast throughput rate: 250 kSPS
    iCMOS process technology
    Low power 140 mW at 250 kSPS with 5 V supplies
    Wide input bandwidth 86.5 dB SNR at 50 kHz input frequency
    On-chip reference and reference buffers
    Parallel, serial, and daisy-chain interface modes
    High speed serial interface SPI-/QSPI™-/MICROWIRE™-/DSP-compatible
    Standby mode: 100 µW maximum
    64-lead LQFP

APPLICATIONS
    Power line monitoring systems
    Instrumentation and control systems
    Multi-axis positioning systems




Similar Part No. - AD7656YSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656YSTZ-1 AD-AD7656YSTZ-1 Datasheet
866Kb / 32P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7656YSTZ-1-RL AD-AD7656YSTZ-1-RL Datasheet
866Kb / 32P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7656YSTZ-REEL AD-AD7656YSTZ-REEL Datasheet
588Kb / 32P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
More results


Similar Description - AD7656YSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7658 AD-AD7658 Datasheet
313Kb / 25P
250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7656 AD-AD7656 Datasheet
588Kb / 32P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7656A AD-AD7656A Datasheet
498Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
REV. 0
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
REV. 0
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
Rev. 0
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com