Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB320-E Datasheet (PDF) - Leshan Radio Company

SB320-E Datasheet PDF - Leshan Radio Company
Part # SB320-E
Download  SB320-E Download
File Size   210.69 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A

SB320-E Datasheet (PDF)

Go To PDF Page Download Datasheet
SB320-E Datasheet PDF - Leshan Radio Company

Part # SB320-E
Download  SB320-E Click to download

File Size   210.69 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A

SB320-E Datasheet (HTML) - Leshan Radio Company


SB320-E Product details

Schottky Barrier Rectifiers

Reverse Voltage 20 to 100V  Forward Current 3.0A



Feature & Dimensions

*  Plastic package has Underwriters Laboratory Flammability Classification 94V-0

*  Low power loss,high efficiency

*  For use in low voltage highfrequency inverters, free wheeling,and polarity protection applications

*  Guardingfor over voltage protection

*  Hightemperature soldering guaranteed: 260°C/10 seconds at terminals

*  IEC61000-4-2 ESD Air Contact±15KV




Similar Part No. - SB320-E

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
SB320-1.5 GSG-SB320-1.5 Datasheet
197Kb / 1P
Chips for Schottky Diodes
SB320-1.8 GSG-SB320-1.8 Datasheet
208Kb / 1P
Chips for Schottky Diodes
logo
Nanjing International G...
SB320-3A-DO-27 DGNJDZ-SB320-3A-DO-27 Datasheet
281Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SB320-B DIODES-SB320-B Datasheet
70Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 7 - 2
SB320-B DIODES-SB320-B Datasheet
78Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 9 - 2
More results


Similar Description - SB320-E

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
logo
Leshan Radio Company
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
Shanghai Leiditech Elec...
1N5820 LEIDITECH-1N5820 Datasheet
583Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM320AF FS-SM320AF Datasheet
159Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com