Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM250B Datasheet (PDF) - Leshan Radio Company

SM250B Datasheet PDF - Leshan Radio Company
Part # SM250B
Download  SM250B Download
File Size   188.32 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A

SM250B Datasheet (PDF)

Go To PDF Page Download Datasheet
SM250B Datasheet PDF - Leshan Radio Company

Part # SM250B
Download  SM250B Click to download

File Size   188.32 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A

SM250B Datasheet (HTML) - Leshan Radio Company


SM250B Product details

Reverse Voltage 20 to100V Forward Current 2.0A

FEATURES
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
   free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
   260°C/10 seconds at terminals




Similar Part No. - SM250B

ManufacturerPart #DatasheetDescription
logo
Bytes
SM250B BYTES-SM250B Datasheet
153Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM250B UNIOHM-SM250B Datasheet
67Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
SM250B TAYCHIPST-SM250B Datasheet
3Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM250B AITSEMI-SM250B Datasheet
415Kb / 5P
SCHOTTKY DIODES REVERSE VOLT 20-100V FORWARD CURRENT 2A
REV1.0
logo
Leshan Radio Company
SM250B-E LRC-SM250B-E Datasheet
300Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
More results


Similar Description - SM250B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SM120A LRC-SM120A Datasheet
174Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM120A-E LRC-SM120A-E Datasheet
186Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM520A LRC-SM520A Datasheet
166Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com