Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS420-600B-TR Datasheet (PDF) - STMicroelectronics

TS420-600B-TR Datasheet PDF - STMicroelectronics
Part # TS420-600B-TR
Download  TS420-600B-TR Download
File Size   110.45 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensitive gate 4 A SCRs

TS420-600B-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
TS420-600B-TR Datasheet PDF - STMicroelectronics

Part # TS420-600B-TR
Download  TS420-600B-TR Click to download

File Size   110.45 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensitive gate 4 A SCRs

TS420-600B-TR Datasheet (HTML) - STMicroelectronics


TS420-600B-TR Product details

DESCRIPTION

Thanks to highly sensitive triggering levels, the TS420 series is suitable for all applications where the available gate current is limited, such as motor control for hand tools, kitchen aids, overvoltage crowbar protection for low power supplies, ...

Available in through-hole or surface-mount packages, they provide an optimized performance in a limited space area.



 




Similar Part No. - TS420-600B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS420-600B-TR STMICROELECTRONICS-TS420-600B-TR Datasheet
139Kb / 8P
4A SCRs
Sep-2000
More results


Similar Description - TS420-600B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
SENSITIVE GATE 0.8A SCRs
Jan-2002
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
Sensitive gate SCRs
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
Sensitive gate SCRs
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
Sensitive gate SCRs
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
Sensitive gate SCRs
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
Sensitive gate SCRs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com