Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9225ARZ Datasheet (PDF) - Analog Devices

AD9225ARZ Datasheet PDF - Analog Devices
Part # AD9225ARZ
Download  AD9225ARZ Download
File Size   914.11 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit, 25 MSPS Monolithic A/D Converter

AD9225ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9225ARZ Datasheet PDF - Analog Devices

Part # AD9225ARZ
Download  AD9225ARZ Click to download

File Size   914.11 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit, 25 MSPS Monolithic A/D Converter

AD9225ARZ Datasheet (HTML) - Analog Devices


AD9225ARZ Product details

GENERAL DESCRIPTION
The AD9225 is a monolithic, single-supply, 12-bit, 25 MSPS analog-to-digital converter with an on-chip, high performance sample-and-hold amplifier and voltage reference. The AD9225 uses a multistage differential pipelined architecture with output error correction logic to provide 12-bit accuracy at 25 MSPS data rates, and guarantees no missing codes over the full operating temperature range.
   
FEATURES
    Monolithic 12-Bit, 25 MSPS ADC
    Low Power Dissipation: 280 mW
    Single 5 V Supply
    No Missing Codes Guaranteed
    Differential Nonlinearity Error: ±0.4 LSB
    Complete On-Chip Sample-and-Hold Amplifier and
        Voltage Reference
    Signal-to-Noise and Distortion Ratio: 71 dB
    Spurious-Free Dynamic Range: –85 dB
    Out-of-Range Indicator
    Straight Binary Output Data
    28-Lead SOIC
    28-Lead SSOP
    Compatible with 3 V Logic
   




Similar Part No. - AD9225ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9225ARZ AD-AD9225ARZ Datasheet
988Kb / 26P
Monolithic A/D Converter
Rev. C
AD9225ARZRL AD-AD9225ARZRL Datasheet
988Kb / 26P
Monolithic A/D Converter
Rev. C
More results


Similar Description - AD9225ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1672 AD-AD1672 Datasheet
465Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
AD872A AD-AD872A Datasheet
330Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672_15 Datasheet
430Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com