Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9240ASZ Datasheet (PDF) - Analog Devices

AD9240ASZ Datasheet PDF - Analog Devices
Part # AD9240ASZ
Download  AD9240ASZ Download
File Size   327.97 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 14-Bit, 10 MSPS Monolithic A/D Converter

AD9240ASZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9240ASZ Datasheet PDF - Analog Devices

Part # AD9240ASZ
Download  AD9240ASZ Click to download

File Size   327.97 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 14-Bit, 10 MSPS Monolithic A/D Converter

AD9240ASZ Datasheet (HTML) - Analog Devices


AD9240ASZ Product details

PRODUCT DESCRIPTION
The AD9240 is a 10 MSPS, single supply, 14-bit analog-to-digital converter (ADC). It combines a low cost, high speed CMOS process and a novel architecture to achieve the resolution and speed of existing hybrid implementations at a fraction of the power consumption and cost. It is a complete, monolithic ADC with an on-chip, high performance, low noise sample-and-hold amplifier and programmable voltage reference. An external reference can also be chosen to suit the dc accuracy and temperature drift requirements of the application. The device uses a multistage differential pipelined architecture with digital output error correction logic to guarantee no missing codes over the full operating temperature range.

FEATURES
    Monolithic 14-Bit, 10 MSPS A/D Converter
    Low Power Dissipation: 285 mW
    Single +5 V Supply
    Integral Nonlinearity Error: 2.5 LSB
    Differential Nonlinearity Error: 0.6 LSB
    Input Referred Noise: 0.36 LSB
    Complete: On-Chip Sample-and-Hold Amplifier and Voltage Reference
    Signal-to-Noise and Distortion Ratio: 77.5 dB
    Spurious-Free Dynamic Range: 90 dB
    Out-of-Range Indicator
    Straight Binary Output Data
    44-Lead MQFP




Similar Part No. - AD9240ASZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASZ AD-AD9240ASZ Datasheet
369Kb / 25P
Monolithic A/D Converter
Rev. B
AD9240ASZRL AD-AD9240ASZRL Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASZRL AD-AD9240ASZRL Datasheet
369Kb / 25P
Monolithic A/D Converter
Rev. B
More results


Similar Description - AD9240ASZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9240 AD-AD9240 Datasheet
328Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV.A
AD9241 AD-AD9241 Datasheet
495Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV.0
AD9243 AD-AD9243 Datasheet
545Kb / 24P
Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV.A
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9243ASZ AD-AD9243ASZ Datasheet
403Kb / 24P
Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9241ASZ AD-AD9241ASZ Datasheet
497Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9243ASRL AD-AD9243ASRL Datasheet
403Kb / 24P
Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9243 AD-AD9243_15 Datasheet
403Kb / 24P
Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9241 AD-AD9241_17 Datasheet
530Kb / 25P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com