Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3050ARZ Datasheet (PDF) - Analog Devices

ADP3050ARZ Datasheet PDF - Analog Devices
Part # ADP3050ARZ
Download  ADP3050ARZ Download
File Size   354.63 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 200 kHz, 1 A High Voltage Step-Down Switching Regulator

ADP3050ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3050ARZ Datasheet PDF - Analog Devices

Part # ADP3050ARZ
Download  ADP3050ARZ Click to download

File Size   354.63 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 200 kHz, 1 A High Voltage Step-Down Switching Regulator

ADP3050ARZ Datasheet (HTML) - Analog Devices


ADP3050ARZ Product details

GENERAL DESCRIPTION
The ADP3050 is a current mode monolithic buck (step down) PWM switching regulator that contains a high current 1 A power switch and all control, logic, and protection functions. It uses a unique compensation scheme allowing the use of any type of output capacitor (tantalum, ceramic, electrolytic, OS-CON). Unlike some buck regulators, the design is not restricted to using a specific type of output capacitor or ESR value.
A special boosted drive stage is used to saturate the NPN power switch, providing a system efficiency higher than conventional bipolar buck switchers. Further efficiency improvements are obtained by using the low voltage regulated output to provide the internal operating current of the device. A high switching frequency allows the use of small external surface-mount components. A wide variety of standard off-the-shelf devices can be used, providing a great deal of design flexibility. A complete regulator design requires only a few external components.
The ADP3050 includes a shutdown input that places the device in a low power mode, reducing the total supply current to under 20 µA. Internal protection features include thermal shutdown circuitry and a cycle-by-cycle current limit for the power switch to provide complete device protection under fault conditions.
The ADP3050 provides excellent line and load regulation, maintaining typically less than ±3% output voltage accuracy over temperature and under all input voltage and output current conditions.
The ADP3050 is specified over the industrial temperature range of −40°C to +85°C and is available in a thermally enhanced 8-lead (not Pb-free only) SOIC package and a standard 8-lead (Pb-free only) RoHS-compliant SOIC package.

FEATURES
  Wide input voltage range: 3.6 V to 30 V
  Adjustable and fixed (3.3 V, 5 V) output options
  Integrated 1 A power switch
  Uses small surface-mount components
  Cycle-by-cycle current limiting
  Peak input voltage (100 ms): 60 V
  Configurable as a buck, buck-boost, and SEPIC regulator
  Available in 8-lead SOIC package
  Supported by ADIsimPower™ design tool

APPLICATIONS
 Industrial power systems
 PC peripheral power systems
 Preregulator for linear regulators
 Distributed power systems
 Automotive systems
 Battery chargers




Similar Part No. - ADP3050ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3050ARZ-5 AD-ADP3050ARZ-5 Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results


Similar Description - ADP3050ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3050 AD-ADP3050 Datasheet
191Kb / 16P
200 kHz, 1 A High-Voltage Step-Down Switching Regulator
REV.0
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
High-Voltage 1-A Step-Down Switching Regulator
logo
Analog Devices
ADP3050ARZ-5 AD-ADP3050ARZ-5 Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Texas Instruments
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
High-Voltage 1-A Step-Down Switching Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com