Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT493TA Datasheet (PDF) - Diodes Incorporated

FMMT493TA Datasheet PDF - Diodes Incorporated
Part # FMMT493TA
Download  FMMT493TA Download
File Size   385.27 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN MEDIUM POWER TRANSISTOR IN SOT23

FMMT493TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT493TA Datasheet PDF - Diodes Incorporated

Part # FMMT493TA
Download  FMMT493TA Click to download

File Size   385.27 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN MEDIUM POWER TRANSISTOR IN SOT23

FMMT493TA Datasheet (HTML) - Diodes Incorporated


FMMT493TA Product details

Features
● BVCEO > 100V
● IC = 1A High Continuous Collector Current
● ICM = 2A Peak Pulse Current
● 500mW Power Dissipation
● hFE Characterised Up to 2A for High Current Gain Hold Up
● Complementary PNP Type: FMMT593
● Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
● Halogen and Antimony Free. “Green” Device (Note 3)
● Qualified to AEC-Q101 Standards for High Reliability
● PPAP capable (Note 4)




Similar Part No. - FMMT493TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT493TA DIODES-FMMT493TA Datasheet
385Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
logo
Infineon Technologies A...
FMMT493TA INFINEON-FMMT493TA Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
FMMT493TA INFINEON-FMMT493TA Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
More results


Similar Description - FMMT493TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2020F ZETEX-ZXTN2020F Datasheet
514Kb / 6P
100V, SOT23, NPN medium power transistor
ZXTN25100BFH ZETEX-ZXTN25100BFH Datasheet
391Kb / 6P
100V, SOT23, medium power transistor
ZXTN25100DFH ZETEX-ZXTN25100DFH Datasheet
391Kb / 6P
100V, SOT23, NPN medium power transistor
ZXTP25100CFH ZETEX-ZXTP25100CFH Datasheet
450Kb / 8P
100V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
FMMT491 DIODES-FMMT491 Datasheet
324Kb / 8P
Medium power NPN transistor in SOT23
November 2007
ZXTN2020F DIODES-ZXTN2020F Datasheet
522Kb / 6P
100V, SOT23, NPN medium power transistor
JANUARY 2006
ZXTN25100BFH DIODES-ZXTN25100BFH Datasheet
398Kb / 6P
100V, SOT23, medium power transistor
MAY 2006
ZXTN25100DFH DIODES-ZXTN25100DFH Datasheet
391Kb / 6P
100V, SOT23, NPN medium power transistor
MARCH 2008
FMMT493 DIODES-FMMT493_15 Datasheet
385Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
ZXTP25100CFH DIODES-ZXTP25100CFH_15 Datasheet
201Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com