Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT491QTC Datasheet (PDF) - Diodes Incorporated

FMMT491QTC Datasheet PDF - Diodes Incorporated
Part # FMMT491QTC
Download  FMMT491QTC Download
File Size   153.25 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN MEDIUM POWER TRANSISTOR IN SOT23

FMMT491QTC Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT491QTC Datasheet PDF - Diodes Incorporated

Part # FMMT491QTC
Download  FMMT491QTC Click to download

File Size   153.25 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN MEDIUM POWER TRANSISTOR IN SOT23

FMMT491QTC Datasheet (HTML) - Diodes Incorporated


FMMT491QTC Product details

Feature
• BVCEO > 60V
• IC = 1A Continuous Collector Current
• ICM = 2A Peak Pulse Current
• RCE(sat) = 195mΩ for a Low Equivalent On-Resistance
• 500mW Power Dissipation
• hFE Characterized up to 2A for High Current Gain Hold up
• Complementary PNP Type: FMMT591
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FMMT491QTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT491QTC DIODES-FMMT491QTC Datasheet
303Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT491QTC DIODES-FMMT491QTC Datasheet
303Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT491QTC DIODES-FMMT491QTC Datasheet
380Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR
Rev 2
More results


Similar Description - FMMT491QTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25060BFH ZETEX-ZXTN25060BFH Datasheet
392Kb / 6P
60V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2018F DIODES-ZXTN2018F Datasheet
513Kb / 6P
60V, SOT23, NPN medium power transistor
SEPTEMBER 2005
ZXTN25060BFH DIODES-ZXTN25060BFH Datasheet
399Kb / 6P
60V, SOT23, NPN medium power transistor
MARCH 2006
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT491Q DIODES-FMMT491Q Datasheet
303Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT451 DIODES-FMMT451_15 Datasheet
507Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT491 DIODES-FMMT491_15 Datasheet
393Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 8
FMMT491Q DIODES-FMMT491Q_15 Datasheet
303Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
ZXTN2018FQ DIODES-ZXTN2018FQ Datasheet
493Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
May 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com