Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2931-11 Datasheet (PDF) - STMicroelectronics

SD2931-11 Datasheet PDF - STMicroelectronics
Part # SD2931-11
Download  SD2931-11 Download
File Size   274.52 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF power transistors HF/VHF/UHF N-channel MOSFETs

SD2931-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD2931-11 Datasheet PDF - STMicroelectronics

Part # SD2931-11
Download  SD2931-11 Click to download

File Size   274.52 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF power transistors HF/VHF/UHF N-channel MOSFETs

SD2931-11 Datasheet (HTML) - STMicroelectronics


SD2931-11 Product details

Description

The SD2931-11 is a gold metallized N-channel MOS field-effect RF power transistor. Being electrically identical to the standard SD2931 MOSFET, it is intended for use in 50 V dc large signal applications up to 230 MHz. The SD2931-11 is mechanical compatible to the SD2931 but offers in addition a better thermal capability (25% lower thermal resistance),

representing the best-in-class transistors for ISM applications, where reliability and ruggedness are critical factors.



Features

■ Gold metallization

■ Excellent thermal stability

■ Common source configuration

■ POUT = 150 W min. with 14 dB gain @ 175 MHz

■ Thermally enhanced packaging for lower junction temperatures

■ GFS and VGS sort marked on unit




Similar Part No. - SD2931-11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
REV. 4
logo
List of Unclassifed Man...
SD2931-10 ETC1-SD2931-10 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
343Kb / 16P
RF power transistors HF/VHF/UHF N-channel MOSFETs
04-Mar-2008
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
275Kb / 19P
RF power transistor: HF/VHF/UHF N-channel power MOSFETs
19-Dec-2012
SD2931-10W STMICROELECTRONICS-SD2931-10W Datasheet
275Kb / 19P
RF power transistor: HF/VHF/UHF N-channel power MOSFETs
19-Dec-2012
More results


Similar Description - SD2931-11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD2902 STMICROELECTRONICS-SD2902 Datasheet
210Kb / 8P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
REV. 4
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
09-Sep-2003
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
27-May-2003
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
RF power transistors HF/VHF/UHF N-channel MOSFETs
04-Mar-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com