Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD55N4F5 Datasheet (PDF) - STMicroelectronics

STD55N4F5 Datasheet PDF - STMicroelectronics
Part # STD55N4F5
Download  STD55N4F5 Download
File Size   781.59 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 40 V, 7.3 mΩ, 40 A, DPAK STripFET™V Power MOSFET

STD55N4F5 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD55N4F5 Datasheet PDF - STMicroelectronics

Part # STD55N4F5
Download  STD55N4F5 Click to download

File Size   781.59 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 40 V, 7.3 mΩ, 40 A, DPAK STripFET™V Power MOSFET

STD55N4F5 Datasheet (HTML) - STMicroelectronics




Similar Part No. - STD55N4F5

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD55N4F5 DOINGTER-STD55N4F5 Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - STD55N4F5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5 Datasheet
231Kb / 12P
N-channel 25 V, 0.01 Ω, 40 A, DPAK, IPAK STripFET??V Power MOSFET
23-Sep-2008
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
N-channel 40 V, 8.9 mΩ, 44 A DPAK STripFET™VI DeepGATE??Power MOSFET
25-Oct-2011
logo
ON Semiconductor
NTMYS7D3N04CL ONSEMI-NTMYS7D3N04CL Datasheet
322Kb / 7P
Power MOSFET 40 V, 7.3 m, 52 A, Single N?묬hannel
March, 2019-Rev. 0
NTTFS5C466NL ONSEMI-NTTFS5C466NL Datasheet
184Kb / 6P
MOSFET ??Power, Single, N-Channel 40 V, 7.3 m, 51 A
September, 2019 ??Rev. 4
NVMFS5C466NL ONSEMI-NVMFS5C466NL Datasheet
186Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 7.3 m, 52 A
July, 2019 ??Rev.0
NVTYS007N04CL ONSEMI-NVTYS007N04CL Datasheet
330Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 7.3 m, 54 A
April, 2021 ??Rev. 0
NVMYS7D3N04CL ONSEMI-NVMYS7D3N04CL Datasheet
340Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 7.3 m, 52 A
July, 2019 - Rev. 0
logo
STMicroelectronics
STK24N4LLF5 STMICROELECTRONICS-STK24N4LLF5 Datasheet
237Kb / 12P
N-channel 40 V, 0.0046 Ω, 24 A, PolarPAK® STripFET™ V Power MOSFET
January 2009
STK32N4LLF5 STMICROELECTRONICS-STK32N4LLF5 Datasheet
238Kb / 12P
N-channel 40 V, 0.0017 Ω, 32 A, PolarPAK® STripFET™ V Power MOSFET
19-Jan-2009
STL105DN4LF7AG STMICROELECTRONICS-STL105DN4LF7AG Datasheet
965Kb / 16P
Automotive-grade dual N-channel 40 V, 3.5 mΩ typ., 40 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
10-Jan-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com