Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103K3T6C Datasheet (PDF) - STMicroelectronics

STM8S103K3T6C Datasheet PDF - STMicroelectronics
Part # STM8S103K3T6C
Download  STM8S103K3T6C Download
File Size   1201.54 Kbytes
Page   117 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C

STM8S103K3T6C Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8S103K3T6C Datasheet PDF - STMicroelectronics

Part # STM8S103K3T6C
Download  STM8S103K3T6C Click to download

File Size   1201.54 Kbytes
Page   117 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C

STM8S103K3T6C Datasheet (HTML) - STMicroelectronics


STM8S103K3T6C Product details

Description

The STM8S103/105 access line 8-bit microcontrollers offer from 8 Kbytes up to 32 Kbytes of program memory.

All devices of the STM8S103/105 access line provide the following benefits:

● Reduced system cost

– High system integration level with internal clock oscillators, watchdog and brown out reset

● Performance and robustness

– 16 MHz CPU clock frequency

– Robust I/O, independent watchdogs with separate clock source

– Clock security system

● Short development cycles

– Applications scalability across a common family product architecture with compatible pinout, memory map and and modular peripherals.

– Full documentation and a wide choice of development tools

● Product longevity

– Advanced core and peripherals made in a state-of-the art technology

– A family of products for applications with 3.0 V to 5.5 V operating supply



Features

Core

■ Max fCPU: up to 16 MHz

■ Advanced STM8 core with Harvard architecture and 3-stage pipeline

■ Extended instruction set



Memories

■ Program memory: Up to 32 Kbytes Flash; data retention 20 years at 85°C after 1 kcycles

■ RAM: Up to 2 Kbytes



Clock, reset and supply management

■ 3.0 to 5.5 V operating voltage

■ Flexible clock control, 4 master clock sources:

– Low power crystal resonator oscillator

– External clock input

– Internal 16 MHz RC

– Internal low power 128 kHz RC

■ Clock security system with clock monitor

■ Power management:

– Low power modes (Wait, Active-halt, Halt)

– Switch-off peripheral clocks individually

■ Permanently active, low consumption power on and power-down reset



Interrupt management

■ Nested interrupt controller with 32 interrupts

■ Up to 37 external interrupts on 6 vectors



Timers

■ 2x 16-bit general purpose timers, with 2+3 CAPCOM channels (IC, OC or PWM)

■ Advanced control timer: 16-bit, 4 CAPCOM channels, 3 complementary outputs, dead-time insertion and flexible synchronization

■ 8-bit basic timer with 8-bit prescaler

■ Auto wake-up timer

■ 2 watchdog timers: Window watchdog and independent watchdog



Communications interfaces

■ USART or LINUART with clock output for synchronous operation, smartcard mode, IrDA mode, LIN master mode

■ SPI synchronous serial interface up to 8 Mbit/s

■ I2C interface up to 400 Kbit/s



Analog to digital converter (ADC)

■ 10-bit, ±1 LSB ADC with up to 10 multiplexed channels, scan mode and analog watchdog



I/Os

■ Up to 38 I/Os on a 48-pin package including 9 high sink outputs

■ Highly robust I/O design, immune against current injection




Similar Part No. - STM8S103K3T6C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S103K3T6TR STMICROELECTRONICS-STM8S103K3T6TR Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
09-Sep-2010
More results


Similar Description - STM8S103K3T6C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S105XX STMICROELECTRONICS-STM8S105XX Datasheet
1Mb / 127P
Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
21-Apr-2010
STM8S103F3P3 STMICROELECTRONICS-STM8S103F3P3 Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
09-Sep-2010
STM8S003F3P6TR STMICROELECTRONICS-STM8S003F3P6TR Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI
12-Jun-2012
STM8S103F3M3 STMICROELECTRONICS-STM8S103F3M3 Datasheet
1Mb / 117P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
26-Jun-2012
STM8S003F3U6TR STMICROELECTRONICS-STM8S003F3U6TR Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
12-Jun-2012
STM8S005K6 STMICROELECTRONICS-STM8S005K6 Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
13-Jun-2012
STM8S005K6T6C STMICROELECTRONICS-STM8S005K6T6C Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
13-Jun-2012
STM8S103F3P6TR STMICROELECTRONICS-STM8S103F3P6TR Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
09-Sep-2010
STM8S103F3U6TR STMICROELECTRONICS-STM8S103F3U6TR Datasheet
1Mb / 117P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
26-Jun-2012
STM8S103F2 STMICROELECTRONICS-STM8S103F2 Datasheet
1Mb / 121P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
February 2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com