Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF35N65M5 Datasheet (PDF) - STMicroelectronics

STF35N65M5 Datasheet PDF - STMicroelectronics
Part # STF35N65M5
Download  STF35N65M5 Download
File Size   1278.83 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247

STF35N65M5 Datasheet (PDF)

Go To PDF Page Download Datasheet
STF35N65M5 Datasheet PDF - STMicroelectronics

Part # STF35N65M5
Download  STF35N65M5 Click to download

File Size   1278.83 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247

STF35N65M5 Datasheet (HTML) - STMicroelectronics


STF35N65M5 Product details

Description
These devices are N-channel MDmesh™ V Power MOSFETs based on an innovative proprietary vertical process technology, which is combined with STMicroelectronics’ well-known PowerMESH™ horizontal layout structure. The resulting product has extremely low on-resistance, which is unmatched among silicon-based Power MOSFETs, making it especially suitable for applications which require superior power density and outstanding efficiency.

Features
■ Worldwide best RDS(on)* area
■ Higher VDSS rating
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
■ High dv/dt capability

Applications
■ Switching applications




Similar Part No. - STF35N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF35N65M5 ISC-STF35N65M5 Datasheet
292Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STF35N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
04-Dec-2012
STB23NM50N STMICROELECTRONICS-STB23NM50N Datasheet
867Kb / 21P
N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
23-May-2011
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
25-May-2012
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
04-Dec-2012
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
STP32N65M5 STMICROELECTRONICS-STP32N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.095 廓, 24 A, MDmesh??V Power MOSFET in D짼PAK, I짼PAK, TO-220FP, TO-220, TO-247
06-Oct-2011
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.150 Ω, 17 A MDmesh™V Power MOSFET D²PAK, TO-220FP, TO-220, I²PAK, TO-247
11-May-2011
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
22-Sep-2011
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
06-Oct-2010
STW16N65M5 STMICROELECTRONICS-STW16N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.230 Ω, 12 A MDmesh™V Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247
13-Oct-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com