Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLDL-RZ Datasheet (PDF) - AIMTEC

AMLDL-RZ Datasheet PDF - AIMTEC
Part # AMLDL-RZ
Download  AMLDL-RZ Download
File Size   1647.95 Kbytes
Page   17 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description Up to 700mA | LED Driver

AMLDL-RZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AMLDL-RZ Datasheet PDF - AIMTEC

Part # AMLDL-RZ
Download  AMLDL-RZ Click to download

File Size   1647.95 Kbytes
Page   17 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description Up to 700mA | LED Driver

AMLDL-RZ Datasheet (HTML) - AIMTEC


AMLDL-RZ Product details

FEATURES:
• Step Down DC/DC LED driver
• Constant current output
• Wide (4:1) input voltage range
• High efficiency up to 95%
• Operating Temperature range -40ºC to +71ºC
• Open and Short LED Protection
• PWM/Digital and Analog Voltage dimming
• Remote ON/OFF Control




Similar Part No. - AMLDL-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDL-30100Z AIMTEC-AMLDL-30100Z Datasheet
310Kb / 14P
Up to 1000mA | LED Driver
AMLDL-30100Z AIMTEC-AMLDL-30100Z Datasheet
353Kb / 14P
Up to 1000mA | LED Driver
AMLDL-30100Z AIMTEC-AMLDL-30100Z Datasheet
440Kb / 14P
Up to 1000mA | LED Driver
AMLDL-3030Z AIMTEC-AMLDL-3030Z Datasheet
310Kb / 14P
Up to 1000mA | LED Driver
AMLDL-3030Z AIMTEC-AMLDL-3030Z Datasheet
353Kb / 14P
Up to 1000mA | LED Driver
More results


Similar Description - AMLDL-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR8-2435KZ AIMTEC-AMEPR8-2435KZ Datasheet
503Kb / 2P
up to 700mA | AC-DC LED driver
AMER4-1230KZ AIMTEC-AMER4-1230KZ Datasheet
176Kb / 2P
up to 700mA | AC-DC LED driver
AMLB-Z AIMTEC-AMLB-Z Datasheet
395Kb / 7P
Up to 700mA | Step Up LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ Datasheet
426Kb / 8P
Up to 700mA | LED Driver
AMLBW-Z AIMTEC-AMLBW-Z Datasheet
307Kb / 8P
Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z_13 Datasheet
418Kb / 7P
Up to 700mA | Step Up LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
Up to 700mA | LED Driver
AMLBW-Z AIMTEC-AMLBW-Z_16 Datasheet
209Kb / 8P
Up to 700mA | Step Up LED Driver
AMEPR30NC-Z AIMTEC-AMEPR30NC-Z Datasheet
869Kb / 8P
up to 700mA | AC-DC LED driver
AMEPR30N-Z AIMTEC-AMEPR30N-Z Datasheet
669Kb / 7P
up to 700mA | AC-DC LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com