Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

901-9894-RFX Datasheet (PDF) - Amphenol Corporation

901-9894-RFX Datasheet PDF - Amphenol Corporation
Part # 901-9894-RFX
Download  901-9894-RFX Download
File Size   107.0 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description SMA PLUG RIGHT ANGLE PC MOUNT

901-9894-RFX Datasheet (PDF)

Go To PDF Page Download Datasheet
901-9894-RFX Datasheet PDF - Amphenol Corporation

Part # 901-9894-RFX
Download  901-9894-RFX Click to download

File Size   107.0 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description SMA PLUG RIGHT ANGLE PC MOUNT

901-9894-RFX Datasheet (HTML) - Amphenol Corporation


901-9894-RFX Product details

Description
SMA is an acronym for SubMiniature version A and was developed in the 1960’s. It uses a threaded interface. 50 Ω SMA connectors are semi-precision, subminiature units that provide excellent electrical performance from DC to 18 GHz. These high-performance connectors are compact in size and mechanically have outstanding durability.
For phase array radar, test equipment, ILS landing systems and other instrumentation using phase matching techniques, these SMA connectors for semi-rigid coaxial cables and the SMA Plug-to-Jack adapter offer a precise and simple means of phase adjustment for microwave devices. Built in accordance with MIL-C-39012 and CECC 22110/111, SMA connectors can be mated with all connectors that meet these interface specifcations, regardless of manufacturer.
SMA is available both in Standard and Reverse Polarity. Reverse polarity is a keying system accomplished with a reverse interface, and ensures that reverse polarity interface connectors do not mate with standard interface connectors. Amphenol accomplish es this by inserting female contacts into plugs and male contacts into jacks.

Features/Benefts
• Broadband performance DC to 18 GHz with low reflection stainless steel
   construction and ¼-36 threaded coupling.
• Brass SMA available in nickel or gold plating which provides approximately
   30% cost reduction with 100 mating cycles.
• Available for .085” and .141” diameter semi-rigid cables and all the standard
   flexible cables including double shielded RG-316.
• Phase Adjustable SMA connectors provide ease of mechanical screw adjustments.

Applications
   • Base Stations     • Process Controls
   • Cable Assemblies    • PC/LAN
   • Instrumentation      • Telecom
   • Mil/Aero




Similar Part No. - 901-9894-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
901-9805-HP AMPHENOL-901-9805-HP Datasheet
86Kb / 1P
SMA PLUG SOLDER TYPE .086 SEMI-RIGID
logo
Amphenol RF.
901-9876-RFX-EE RF-901-9876-RFX-EE Datasheet
242Kb / 1P
SMA STR PLUG FOR RG 58C/U & 58U CABLE EXTREME EXPOSURE
Rev. A
More results


Similar Description - 901-9894-RFX

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD512-060-0040J WINCHESTER-SD512-060-0040J Datasheet
84Kb / 1P
RIGHT ANGLE SMB PLUG PC MOUNT
logo
Rosenberger Hochfrequen...
32S207-306L5 ROSENBERGER-32S207-306L5 Datasheet
225Kb / 2P
SMA RIGHT ANGLE PLUG
32S207-307L5 ROSENBERGER-32S207-307L5 Datasheet
224Kb / 2P
SMA RIGHT ANGLE PLUG
32S206-271L5 ROSENBERGER-32S206-271L5 Datasheet
223Kb / 2P
SMA RIGHT ANGLE PLUG
32S206-272L5 ROSENBERGER-32S206-272L5 Datasheet
307Kb / 2P
SMA RIGHT ANGLE PLUG
32S207-302L5 ROSENBERGER-32S207-302L5 Datasheet
329Kb / 2P
SMA RIGHT ANGLE PLUG
32S207-303L5 ROSENBERGER-32S207-303L5 Datasheet
329Kb / 2P
SMA RIGHT ANGLE PLUG
32S207-303N5 ROSENBERGER-32S207-303N5 Datasheet
161Kb / 2P
SMA RIGHT ANGLE PLUG
32S207-306N5 ROSENBERGER-32S207-306N5 Datasheet
56Kb / 2P
SMA RIGHT ANGLE PLUG
32S207-307N5 ROSENBERGER-32S207-307N5 Datasheet
56Kb / 2P
SMA RIGHT ANGLE PLUG
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com