Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

222131 Datasheet (PDF) - Amphenol Corporation

222131 Datasheet PDF - Amphenol Corporation
Part # 222131
Download  222131 Download
File Size   44.72 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description F SERIES R/A P.C. MOUNT RECEPTACLE_

222131 Datasheet (PDF)

Go To PDF Page Download Datasheet
222131 Datasheet PDF - Amphenol Corporation

Part # 222131
Download  222131 Click to download

File Size   44.72 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description F SERIES R/A P.C. MOUNT RECEPTACLE_

222131 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - 222131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2221 ETC1-2221 Datasheet
32Kb / 1P
high Current Toroid Inductors
2221 ETC2-2221 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
2221 ETC2-2221 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
logo
Belden Inc.
2221 BELDEN-2221 Datasheet
151Kb / 3P
Audio Cable, 2 Conductor 26 AWG, TC
12-20-2022
logo
Cirrus Logic
2221 APEX-2221 Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results


Similar Description - 222131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
801-A ETC2-801-A Datasheet
221Kb / 4P
R-F POWER AMPLIFIER, A-F POWER AMPLIFIER, MODULATOR
logo
Ohmite Mfg. Co.
RA-T2X-25E OHMITE-RA-T2X-25E Datasheet
311Kb / 1P
F and R Series Heatsinks
logo
Winchester Electronics ...
SD451-060-0046H WINCHESTER-SD451-060-0046H Datasheet
94Kb / 1P
P.C MOUNT MCX JACK
logo
Hammond Manufacturing L...
108L HAMMOND-108L Datasheet
258Kb / 1P
P.C. Board Mount (107-109 Series)
logo
Amphenol Corporation
C901-143-6RFX AMPHENOL-C901-143-6RFX Datasheet
128Kb / 1P
SMA R/A P.C. MOUNT JACK
logo
List of Unclassifed Man...
N-48X ETC-N-48X Datasheet
42Kb / 2P
P O W E R T R A N S F O R M E R CHASSIS MOUNT : Isolation
logo
Adam Technologies, Inc.
RF4-01-T-00-75 ADAM-TECH-RF4-01-T-00-75 Datasheet
79Kb / 1P
R/A F TYPE FEMALE PC MOUNT
RF4-21-DP-XX-75-GP ADAM-TECH-RF4-21-DP-XX-75-GP Datasheet
83Kb / 1P
R/A ADAPTER F
RF4-21-D-XX-75 ADAM-TECH-RF4-21-D-XX-75 Datasheet
100Kb / 1P
R/A ADAPTER F
logo
Winchester Electronics ...
TRU-11222-RA WINCHESTER-TRU-11222-RA Datasheet
34Kb / 1P
2.92mm(f) to 2.92mm(f) R/A ADAPTER
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com