Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSOP-28 Datasheet (PDF) - Analog Microelectronics

SSOP-28 Datasheet PDF - Analog Microelectronics
Part # SSOP-28
Download  SSOP-28 Download
File Size   34.1 Kbytes
Page   1 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description Carrier Width (W) 16.0-0.1 mm Pitch (P) 4.0-0.1 mm

SSOP-28 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSOP-28 Datasheet PDF - Analog Microelectronics

Part # SSOP-28
Download  SSOP-28 Click to download

File Size   34.1 Kbytes
Page   1 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description Carrier Width (W) 16.0-0.1 mm Pitch (P) 4.0-0.1 mm

SSOP-28 Datasheet (HTML) - Analog Microelectronics




Similar Part No. - SSOP-28

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
SSOP-28 AME-SSOP-28 Datasheet
69Kb / 1P
A : MIN 1.35 MAX 1.75 A1 : MIN 0.10 MAX 0.25
logo
Global Mixed-mode Techn...
SSOP-28 GMT-SSOP-28 Datasheet
123Kb / 1P
Package Outline
More results


Similar Description - SSOP-28

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
REEL-MSOP-8 AME-REEL-MSOP-8 Datasheet
35Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-8PP AME-REEL-MSOP-8PP Datasheet
27Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-10PP AME-REEL-MSOP-10PP Datasheet
36Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SC-70-3 AME-REEL-SC-70-3 Datasheet
37Kb / 1P
Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SC-70-4 AME-REEL-SC-70-4 Datasheet
43Kb / 1P
Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SOP-8 AME-REEL-SOP-8 Datasheet
36Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SOT-23 AME-REEL-SOT-23 Datasheet
35Kb / 1P
Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SOT-223 AME-REEL-SOT-223 Datasheet
37Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-TO-252 AME-REEL-TO-252 Datasheet
47Kb / 1P
Carrier Width (W) 16.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-TO-263-2 AME-REEL-TO-263-2 Datasheet
34Kb / 1P
Carrier Width (W) 24.0-0.1 mm Pitch (P) 4.0-0.1 mm
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com