Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ7500C Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AZ7500C Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AZ7500C
Download  AZ7500C Download
File Size   753.12 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description PULSE-WIDTH-MODULATION CONTROL CIRCUITS

AZ7500C Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ7500C Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AZ7500C
Download  AZ7500C Click to download

File Size   753.12 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description PULSE-WIDTH-MODULATION CONTROL CIRCUITS

AZ7500C Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AZ7500C Product details

General Description
The AZ7500B/C is a voltage mode pulse width modulation switching regulator control circuit designed primarily for power supply control.

Features
• Stable 4.95V/5V Reference Voltage Trimmed to ±1.0% Accuracy
• Uncommitted Output TR for 200mA Sink or Source Current
• Single-End or Push-Pull Operation Selected by Output Control
• Internal Circuitry Prohibits Double Pulse at Either Output
• Complete PWM Control Circuit with Variable Duty Cycle
• On-Chip Oscillator With Master or Slave Operation

Applications
• SMPS
• Back Light Inverter
• Charger




Similar Part No. - AZ7500C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7500C BCDSEMI-AZ7500C Datasheet
186Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500CM BCDSEMI-AZ7500CM Datasheet
186Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500CM-E1 BCDSEMI-AZ7500CM-E1 Datasheet
186Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500CMTR BCDSEMI-AZ7500CMTR Datasheet
186Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500CMTR-E1 BCDSEMI-AZ7500CMTR-E1 Datasheet
186Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Similar Description - AZ7500C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001 TI-TL5001 Datasheet
348Kb / 23P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL594I TI-TL594I Datasheet
504Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com