Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16DVZPIP Datasheet (PDF) - Winbond

W25Q16DVZPIP Datasheet PDF - Winbond
Part # W25Q16DVZPIP
Download  W25Q16DVZPIP Download
File Size   1120.31 Kbytes
Page   81 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI

W25Q16DVZPIP Datasheet (PDF)

Go To PDF Page Download Datasheet
W25Q16DVZPIP Datasheet PDF - Winbond

Part # W25Q16DVZPIP
Download  W25Q16DVZPIP Click to download

File Size   1120.31 Kbytes
Page   81 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI

W25Q16DVZPIP Datasheet (HTML) - Winbond


W25Q16DVZPIP Product details

GENERAL DESCRIPTION
The W25Q16DV (16M-bit) Serial Flash memory provides a storage solution for systems with limited space, pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI (XIP) and storing voice, text and data. The device operates on a single 2.7V to 3.6V power supply with current consumption as low as 4mA active and 1µA for power-down.
The W25Q16DV array is organized into 8,192 programmable pages of 256-bytes each. Up to 256 bytes can be programmed at a time. Pages can be erased in groups of 16 (4KB sector erase), groups of 128 (32KB block erase), groups of 256 (64KB block erase) or the entire chip (chip erase). The W25Q16DV has 512 erasable sectors and 32 erasable blocks respectively. The small 4KB sectors allow for greater flexibility in applications that require data and parameter storage. (See figure 2.)
The W25Q16DV supports the standard Serial Peripheral Interface (SPI), and a high performance Dual/Quad output as well as Dual/Quad I/O SPI: Serial Clock, Chip Select, Serial Data I/O0 (DI), I/O1 (DO), I/O2 (/WP), and I/O3 (/HOLD). SPI clock frequencies of up to 104MHz are supported allowing equivalent clock rates of 208MHz (104MHz x 2) for Dual I/O and 416MHz (104MHz x 4) for Quad I/O when using the Fast Read Dual/Quad I/O instructions. These transfer rates can outperform standard Asynchronous 8 and 16-bit Parallel Flash memories. The Continuous Read Mode allows for efficient memory access with as few as 8-clocks of instruction-overhead to read a 24-bit address, allowing true XIP (execute in place) operation.

FEATURES
● Family of SpiFlash Memories
   – W25Q16DV: 16M-bit / 2M-byte (2,097,152)
   – 256-byte per programmable page
   – Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
   – Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold
   – Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
● Highest Performance Serial Flash
   – 104MHz Dual SPI / Quad SPI clocks
   – 208/416MHz equivalent Dual/Quad SPI
   – 52MB/S continuous data transfer rate
   – Up to 8X that of ordinary Serial Flash
   – More than 100,000 erase/program cycles
   – More than 20-year data retention
● Efficient “Continuous Read Mode”
   – Low Instruction overhead
   – Continuous Read with 8/16/32/64-Byte Wrap
   – As few as 8 clocks to address memory
   – Allows true XIP (execute in place) operation
   – Outperforms X16 Parallel Flash
● Low Power, Wide Temperature Range
   – Single 2.7 to 3.6V supply
   – 4mA active current, <1µA Power-down (typ.)
   – -40°C to +85°C operating range
● Flexible Architecture with 4KB sectors
   – Uniform Sector/Block Erase (4/32/64K-bytes)
   – Program one to 256 bytes
   – Erase/Program Suspend & Resume
● Advanced Security & Identification Features
   – Software and Hardware Write-Protect
   – Top/Bottom, 4KB complement array protection
   – Power Supply Lock-Down and OTP protection
   – 64-Bit Unique ID for each device
   – Discoverable Parameters (SFDP) Register
   – 3X256-Byte Security Registers with OTP locks
   – Volatile & Non-volatile Status Register Bits
● Space Efficient Packaging(1)
   – 8-pin SOIC 150/208-mil
   – 8-pad WSON 6x5-mm
   – 8-pad USON 4X3mm / 4X4mm
   – 8-pin PDIP 300-mil
   – 16-pin SOIC 300-mil
   – 24-ball TFBGA 8x6-mm (6x4/5x5 ball array)
   – Contact Winbond for KGD and other options




Similar Part No. - W25Q16DVZPIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVZPIG WINBOND-W25Q16DVZPIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVZPIG WINBOND-W25Q16DVZPIG Datasheet
1Mb / 83P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
May 23, 2016
W25Q16DVZPIQ WINBOND-W25Q16DVZPIQ Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVZPIQ WINBOND-W25Q16DVZPIQ Datasheet
1Mb / 83P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
May 23, 2016
More results


Similar Description - W25Q16DVZPIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG-TR WINBOND-W25Q16DVDAIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com