Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNY255P Datasheet (PDF) - Power Integrations, Inc.

TNY255P Datasheet PDF - Power Integrations, Inc.
Part # TNY255P
Download  TNY255P Download
File Size   1568.74 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy Efficient, Low Power Off-line Switchers

TNY255P Datasheet (PDF)

Go To PDF Page Download Datasheet
TNY255P Datasheet PDF - Power Integrations, Inc.

Part # TNY255P
Download  TNY255P Click to download

File Size   1568.74 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy Efficient, Low Power Off-line Switchers

TNY255P Datasheet (HTML) - Power Integrations, Inc.


TNY255P Product details

Description
The TinySwitch family uses a breakthrough design to provide the lowest cost, high effciency, off-line switcher solution in the 0 to 10 W range. These devices integrate a 700 V power MOSFET, oscillator, high-voltage switched current source, current limit and thermal shutdown circuitry. They start-up and run on power derived from the DRAIN voltage, eliminating the need for a transformer bias winding and the associated circuitry. And yet, they consume only about 80 mW at no load, from 265 VAC input. A simple ON/OFF control scheme also eliminates the need for loop compensation.

Product Highlights
Lowest Cost, Low Power Switcher Solution
• Lower cost than RCC, discrete PWM and other integrated/hybrid solutions
• Cost effective replacement for bulky linear adapters
• Lowest component count
• Simple ON/OFF control – no loop compensation devices
• No bias winding – simpler, lower cost transformer
• Allows simple RC type EMI flter for up to 2 W from
   universal input or 4 W from 115 VAC input

Extremely Energy Effcient
• Consumes only 30/60 mW at 115/230 VAC with no load
• Meets Blue Angel, Energy Star, Energy 2000 and 200 mW
   European cell phone requirements for standby
• Saves $1 to $4 per year in energy costs (at $0.12/kWHr)
   compared to bulky linear adapters
• Ideal for cellular phone chargers, standby power supplies for
   PC, TV and VCR, utility meters, and cordless phones.

High Performance at Low Cost
• High-voltage powered – ideal for charger applications
• Very high loop bandwidth provides excellent transient
   response and fast turn on with practically no overshoot
• Current limit operation rejects line frequency ripple
• Glitch free output when input is removed
• Built-in current limit and thermal protection
• 44 kHz operation (TNY253/4) with snubber clamp
   reduces EMI and video noise in TVs and VCRs
• Operates with optocoupler or bias winding feedback




Similar Part No. - TNY255P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY255P POWERINT-TNY255P Datasheet
498Kb / 20P
TinySwitch Family Energy Efficient, Low Power Off-line Switchers
TNY255P POWERINT-TNY255P Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY255P POWERINT-TNY255P Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY255P POWERINT-TNY255P Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY255P POWERINT-TNY255P Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
More results


Similar Description - TNY255P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253 POWERINT-TNY253 Datasheet
498Kb / 20P
TinySwitch Family Energy Efficient, Low Power Off-line Switchers
TNY253GN POWERINT-TNY253GN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY254PN POWERINT-TNY254PN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY255GN-TL POWERINT-TNY255GN-TL Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY253 POWERINT-TNY253_V01 Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
August 2016
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com