Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018010PSC Datasheet (PDF) - Zilog, Inc.

Z8018010PSC Datasheet PDF - Zilog, Inc.
Part # Z8018010PSC
Download  Z8018010PSC Download
File Size   1007.57 Kbytes
Page   85 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Microprocessor Unit

Z8018010PSC Datasheet (PDF)

Go To PDF Page Download Datasheet
Z8018010PSC Datasheet PDF - Zilog, Inc.

Part # Z8018010PSC
Download  Z8018010PSC Click to download

File Size   1007.57 Kbytes
Page   85 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Microprocessor Unit

Z8018010PSC Datasheet (HTML) - Zilog, Inc.


Z8018010PSC Product details

General Description
The Z80180™ is an 8-bit MPU which provides the benefits of reduced system costs and also provides full backward compatibility with existing ZiLOG Z80 devices. Reduced system costs are obtained by incorporating several key system functions on-chip with the CPU. These key functions include I/O devices such as DMA, UART, and timer channels. Also included on-chip are wait-state generators, a clock oscillator, and an interrupt controller.
The Z80180™ is housed in 80-pin QFP, 68-pin PLCC, and 64-pin DIP packages.

Features
The key features of Z80180™ microprocessor unit (MPU) include:
• Code compatible with ZiLOG Z80® CPU
• Extended instructions
• Two DMA channels
• Low power-down modes
• On-chip interrupt controllers
• Three on-chip wait-state generators
• On-chip oscillator/generator
• Expanded MMU addressing (up to 1 MB)
• Clocked serial I/O port
• Two 16-Bit counter/timers
• Two UARTs
• Clock Speeds: 6 MHz, 8 MHz, and 10 MHz
• 6 MHz version supports 6.144 MHz CPU clock operation
• Operating range: 5 V
• Operating temperature range: 0 ºC to +70 ºC
• Three packaging styles
   – 68-Pin PLCC
   – 64-Pin DIP
   – 80-Pin QFP




Similar Part No. - Z8018010PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8018010PSC ZILOG-Z8018010PSC Datasheet
387Kb / 70P
ENHANCED Z180 MICROPROCESSOR
Z8018010PSC ZILOG-Z8018010PSC Datasheet
1Mb / 124P
Microprocessor Unit
Z8018010PSC ZILOG-Z8018010PSC Datasheet
1Mb / 326P
Family MPU
Z8018010PSC ZILOG-Z8018010PSC Datasheet
1,007Kb / 85P
Microprocessor Unit
More results


Similar Description - Z8018010PSC

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA6805E2 INNOVASIC-IA6805E2 Datasheet
286Kb / 31P
Microprocessor Unit
logo
Zilog, Inc.
Z80180 ZILOG-Z80180 Datasheet
1Mb / 124P
Microprocessor Unit
Z8018010VSG ZILOG-Z8018010VSG Datasheet
1,007Kb / 85P
Microprocessor Unit
logo
InnovASIC, Inc
IA6805E2 INNOVASIC-IA6805E2_07 Datasheet
344Kb / 33P
Microprocessor Unit
logo
List of Unclassifed Man...
Z8018006VSG ETC2-Z8018006VSG Datasheet
1,007Kb / 85P
Microprocessor Unit
logo
Zilog, Inc.
Z8018010PSG ZILOG-Z8018010PSG Datasheet
1,007Kb / 85P
Microprocessor Unit
Z8018010FSG ZILOG-Z8018010FSG Datasheet
1,007Kb / 85P
Microprocessor Unit
logo
Raltron Electronics Cor...
A-6.176-18.5 RALTRON-A-6.176-18.5 Datasheet
89Kb / 1P
MICROPROCESSOR CRYSTAL UNIT
A-12.000-20 RALTRON-A-12.000-20 Datasheet
89Kb / 1P
MICROPROCESSOR CRYSTAL UNIT
A-25.000-14 RALTRON-A-25.000-14 Datasheet
89Kb / 1P
MICROPROCESSOR CRYSTAL UNIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com