Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16936RATEB Datasheet (PDF) - Maxim Integrated Products

MAX16936RATEB Datasheet PDF - Maxim Integrated Products
Part # MAX16936RATEB
Download  MAX16936RATEB Download
File Size   2461.84 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current

MAX16936RATEB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16936RATEB Datasheet PDF - Maxim Integrated Products

Part # MAX16936RATEB
Download  MAX16936RATEB Click to download

File Size   2461.84 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current

MAX16936RATEB Datasheet (HTML) - Maxim Integrated Products


MAX16936RATEB Product details

General Description
The MAX16936 is a 2.5A current-mode step-down converter with integrated high-side and low-side MOSFETs designed to operate with an external Schottky diode for better efficiency. The low-side MOSFET enables fixed-frequency forced-PWM (FPWM) operation under light-load applications. The device operates with input voltages from 3.5V to 36V, while using only 28FA quiescent current at no load. The switching frequency is resistor programmable from 220kHz to 2.2MHz and can be synchronized to an external clock. The MAX16936’s output voltage is available as 5V/3.3V fixed or adjustable from 1V to 10V. The wide input voltage range along with its ability to operate at 98% duty cycle during undervoltage transients make the MAX16936 ideal for automotive and industrial applications.

Features
♦ Wide 3.5V to 36V Input Voltage Range
♦ 42V Load Dump Protection
♦ Enhanced Current-Mode Control Architecture
♦ Fixed Output Voltage with ±2% Accuracy (5V/3.3V) or Externally Resistor Adjustable (1V to 10V)
♦ 220kHz to 2.2MHz Switching Frequency with Three Operation Modes
    ◇ 28µA Ultra-Low Quiescent Current Skip Mode
    ◇ Forced Fixed-Frequency Operation
    ◇ External Frequency Synchronization
♦ Spread-Spectrum Frequency Modulation
♦ Automatic LX Slew Rate Adjustment for Optimum Efficiency Across Operating Frequency Range
♦ 180° Out-of-Phase Clock Output at SYNCOUT
♦ Low-BOM-Count Current-Mode Control Architecture
♦ Power-Good Output
♦ Enable Input Compatible from 3.3V Logic Level to 42V
♦ Thermal Shutdown Protection
♦ -40°C to +125°C Automotive Temperature Range
♦ AEC-Q100 Qualified

Applications
    Point of Load Applications
    Distributed DC Power Systems
    Navigation and Radio Head Units




Similar Part No. - MAX16936RATEB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936RATEB/V+ MAXIM-MAX16936RATEB/V+ Datasheet
1Mb / 17P
36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
More results


Similar Description - MAX16936RATEB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX20002 MAXIM-MAX20002_V01 Datasheet
669Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com